Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4AGBLP912_V3 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MA4AGBLP912_V3 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MA4AGBLP912_V3
Download  MA4AGBLP912_V3 Download
File Size   96.08 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description AlGaAs Beamlead PIN Diode

MA4AGBLP912_V3 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA4AGBLP912_V3 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MA4AGBLP912_V3
Download  MA4AGBLP912_V3 Click to download

File Size   96.08 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description AlGaAs Beamlead PIN Diode

MA4AGBLP912_V3 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MA4AGBLP912_V3 Product details

Description
M/A-COM Technology Solutions MA4AGBLP912 is an Aluminum-Gallium-Arsenide anode enhanced, beam lead PIN diode. AlGaAs anodes, which utilize M/A-COM Tech’s patent pending hetero-junction technology, produce less diode “On” resistance than a conventional GaAs device. This device is fabricated on a OMCVD epitaxial wafer using a process optimized for high device uniformity and extremely low parasitics. The diode exhibits low series resistance, 4Ω, low capacitance, 28fF, and an extremely fast switching speed of 5nS. It is fully passivated with silicon nitride and has an additional polymer layer for scratch protection. The protective coating prevents damage to the junction and the anode air bridges during handling and assembly.

Features
♦ Low Series Resistance
♦ Low Capacitance
♦ Millimeter Wave Switching
♦ Millimeter Wave Cutoff Frequency
♦ 5 Nanosecond Switching Speed
♦ Can be Driven by a Buffered +5V TTL
♦ Silicon Nitride Passivation
♦ Polyimide Scratch Protection
♦ RoHS Compliant

Applications
   The ultra low capacitance of the MA4AGBLP912
   device makes it ideally suited for use through
   W-band. The low RC product and low profile of the
   beamlead PIN diode allows for use in microwave
   and millimeter wave switch designs, where low
   insertion loss and high isolation are required. The
   operating bias conditions of +10mA for the low loss
   state, and 0V, for the isolation state permits the use
   of a simple +5V TTL gate driver. AlGaAs, beamlead
   diodes, can be used in switching arrays on radar
   systems, high speed ECM circuits, optical
   switching networks, instrumentation, and other
   wideband multi-throw switch assemblies.




Similar Part No. - MA4AGBLP912_V3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4AGBLP912 MACOM-MA4AGBLP912 Datasheet
87Kb / 5P
AlGaAs Beam Lead PIN Diode
logo
M/A-COM Technology Solu...
MA4AGBLP912 MA-COM-MA4AGBLP912 Datasheet
90Kb / 4P
AlGaAs Beamlead PIN Diode
More results


Similar Description - MA4AGBLP912_V3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4AGBLP912 MACOM-MA4AGBLP912 Datasheet
87Kb / 5P
AlGaAs Beam Lead PIN Diode
logo
M/A-COM Technology Solu...
MA4AGBLP912 MA-COM-MA4AGBLP912 Datasheet
90Kb / 4P
AlGaAs Beamlead PIN Diode
MA4AGSW3 MA-COM-MA4AGSW3 Datasheet
159Kb / 7P
SP3T AlGaAs PIN Diode Switch
MA4GP905 MA-COM-MA4GP905 Datasheet
85Kb / 3P
GaAs Beamlead PIN Diode
MA4AGSW8-2 MA-COM-MA4AGSW8-2 Datasheet
123Kb / 6P
SP8T AlGaAs PIN Diode Switch
MA4AGSW2_V5 MA-COM-MA4AGSW2_V5 Datasheet
111Kb / 7P
SPDT AlGaAs PIN Diode Switch
MA4AGSW3_V7 MA-COM-MA4AGSW3_V7 Datasheet
131Kb / 7P
SP3T AlGaAs PIN Diode Switch
logo
Tyco Electronics
MA4PBL027 MACOM-MA4PBL027 Datasheet
230Kb / 5P
HMIC Silicon Beamlead PIN Diode
logo
M/A-COM Technology Solu...
MA4AGSW4 MA-COM-MA4AGSW4_15 Datasheet
711Kb / 8P
SP4T AlGaAs PIN Diode Switch
MA4AGSW3 MA-COM-MA4AGSW3_15 Datasheet
684Kb / 8P
SP3T AlGaAs PIN Diode Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com