Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4AGSW8-2 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MA4AGSW8-2 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MA4AGSW8-2
Download  MA4AGSW8-2 Download
File Size   123.87 Kbytes
Page   6 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description SP8T AlGaAs PIN Diode Switch

MA4AGSW8-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA4AGSW8-2 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MA4AGSW8-2
Download  MA4AGSW8-2 Click to download

File Size   123.87 Kbytes
Page   6 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description SP8T AlGaAs PIN Diode Switch

MA4AGSW8-2 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MA4AGSW8-2 Product details

DESCRIPTION
M/A-COM’s MA4AGSW8-2 is an Aluminum-GalliumArsenide (AlGaAs) anode enhanced, SP8T, PIN diode series switch. Operation is accomplished with 10 mA applied to the low loss port and 0V for the isolated ports. M/A-COM’s Technology Solutions AlGaAs process utilizes a patented hetero-junction technology which produces lower insertion loss than conventional GaAs devices. These devices are fabricated on an OMCVD epitaxial wafer using a process designed for high device uniformity and extremely low parasitics. The diodes used have low series resistance, (3 Ω) , low capacitance (20 fF) , and fast switching speed (20 nS). The MA4AGSW8-2 device is fully passivated with silicon nitride, and has an extra layer of polyamide for added scratch and impact protection. This protective coating prevents damage to the diode junction and anode air bridges during handling and assembly. External RF to DC bias networks which are optimized for the particular operating band of interest are required.

FEATURES
• Specified Performance : 50 MHz to 40 GHz
• Operational Performance: 50 MHz to 50 GHz
• 2.0 dB Typical Insertion Loss at 40 GHz
• 30 dB Typical Isolation at 40 GHz thru 3 Diodes
• 22 dB Typical Isolation at 40 GHz thru 2 Diodes
• Low Current Consumption
   • 10 mA for low loss state
   • 0 Volts for Isolation state
• M/A-COM’s Patented AlGaAs Hetero-Junction
   Anode Technology.
• Silicon Nitride Passivation
• BCB Impact Protection
• RoHS Compliant




Similar Part No. - MA4AGSW8-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4AGSW8-2 MACOM-MA4AGSW8-2 Datasheet
155Kb / 7P
AlGaAs SP8T PIN Diode Switch
More results


Similar Description - MA4AGSW8-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4AGSW8-2 MACOM-MA4AGSW8-2 Datasheet
155Kb / 7P
AlGaAs SP8T PIN Diode Switch
MA4AGSW8-1 MACOM-MA4AGSW8-1 Datasheet
156Kb / 7P
AlGaAs SP8T PIN Diode Series Switch
logo
M/A-COM Technology Solu...
MA4AGSW3 MA-COM-MA4AGSW3 Datasheet
159Kb / 7P
SP3T AlGaAs PIN Diode Switch
MA4AGSW8-1 MA-COM-MA4AGSW8-1 Datasheet
126Kb / 6P
SP8T AlGaAs PIN Diode Switch RoHS Compliant
MA4AGSW2_V5 MA-COM-MA4AGSW2_V5 Datasheet
111Kb / 7P
SPDT AlGaAs PIN Diode Switch
MA4AGSW3_V7 MA-COM-MA4AGSW3_V7 Datasheet
131Kb / 7P
SP3T AlGaAs PIN Diode Switch
MA4AGSW5_V5 MA-COM-MA4AGSW5_V5 Datasheet
140Kb / 7P
SP5T AlGaAs PIN Diode Switch
MA4AGSW4 MA-COM-MA4AGSW4_15 Datasheet
711Kb / 8P
SP4T AlGaAs PIN Diode Switch
MA4AGSW8-1 MA-COM-MA4AGSW8-1_15 Datasheet
572Kb / 7P
SP8T AlGaAs PIN Diode Switch RoHS Compliant
MA4AGSW3 MA-COM-MA4AGSW3_15 Datasheet
684Kb / 8P
SP3T AlGaAs PIN Diode Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com