Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4AGSW8-1 Datasheet (PDF) - Tyco Electronics

MA4AGSW8-1 Datasheet PDF - Tyco Electronics
Part # MA4AGSW8-1
Download  MA4AGSW8-1 Download
File Size   156.01 Kbytes
Page   7 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description AlGaAs SP8T PIN Diode Series Switch

MA4AGSW8-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA4AGSW8-1 Datasheet PDF - Tyco Electronics

Part # MA4AGSW8-1
Download  MA4AGSW8-1 Click to download

File Size   156.01 Kbytes
Page   7 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description AlGaAs SP8T PIN Diode Series Switch

MA4AGSW8-1 Datasheet (HTML) - Tyco Electronics


MA4AGSW8-1 Product details

Description
M/A-COM’s MA4AGSW8-1 is an Aluminum-Gallium- Arsenide (AlGaAs) anode enhanced, SP8T PIN diode Series Switch. Operation is accomplished with 10 mA applied to the low loss port and 0 V for the isolated ports.
M/A-COM’s AlGaAs process utilizes a patent pending hetero-junction technology which produces lower insertion loss than conventional GaAs devices. These devices are fabricated on an OMCVD epitaxial wafer using a process designed for high device uniformity and extremely low parasitics. The diodes exhibit low series resistance, ( 3 Ω ) , low capacitance ( 20 fF ) , and fast switching speed ( 20 nS ).
The MA4AGSW8-1 device is fully passivated with silicon nitride, and has an additional layer of a polyamide for impact protection. This protective coating prevents damage to the junction and the anode air bridges during assembly and test. RF to DC bias networks are required. This allows the MA4AGSW8-1 device to be optimized for a particular operating band.

Features
■ Specified Performance : 50 MHz to 40 GHz
■ Operational performance: 50 MHz to 50 GHz
■ 2.0 dB Typical Insertion Loss at 40 GHz
■ 30 dB Typical Isolation at 40 GHz thru 3 Diodes
■ 22 dB Typical Isolation at 40 GHz thru 2 Diodes
■ Low Current comsumption :
   10 mA for low loss state
   0 Volts for Isolation state
■ M/A-COM’s unique patent pending AlGaAs
   hetero-junction anode technology
■ Silicon Nitride Passivation
■ BCB Impact Protection




Similar Part No. - MA4AGSW8-1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4AGSW8-1 MA-COM-MA4AGSW8-1 Datasheet
126Kb / 6P
SP8T AlGaAs PIN Diode Switch RoHS Compliant
MA4AGSW8-1 MA-COM-MA4AGSW8-1_15 Datasheet
572Kb / 7P
SP8T AlGaAs PIN Diode Switch RoHS Compliant
More results


Similar Description - MA4AGSW8-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4AGSW8-2 MACOM-MA4AGSW8-2 Datasheet
155Kb / 7P
AlGaAs SP8T PIN Diode Switch
logo
M/A-COM Technology Solu...
MA4AGSW3 MA-COM-MA4AGSW3 Datasheet
159Kb / 7P
SP3T AlGaAs PIN Diode Switch
MA4AGSW8-1 MA-COM-MA4AGSW8-1 Datasheet
126Kb / 6P
SP8T AlGaAs PIN Diode Switch RoHS Compliant
MA4AGSW8-2 MA-COM-MA4AGSW8-2 Datasheet
123Kb / 6P
SP8T AlGaAs PIN Diode Switch
MA4AGSW2_V5 MA-COM-MA4AGSW2_V5 Datasheet
111Kb / 7P
SPDT AlGaAs PIN Diode Switch
MA4AGSW3_V7 MA-COM-MA4AGSW3_V7 Datasheet
131Kb / 7P
SP3T AlGaAs PIN Diode Switch
MA4AGSW5_V5 MA-COM-MA4AGSW5_V5 Datasheet
140Kb / 7P
SP5T AlGaAs PIN Diode Switch
MA4AGSW4 MA-COM-MA4AGSW4_15 Datasheet
711Kb / 8P
SP4T AlGaAs PIN Diode Switch
MA4AGSW8-1 MA-COM-MA4AGSW8-1_15 Datasheet
572Kb / 7P
SP8T AlGaAs PIN Diode Switch RoHS Compliant
MA4AGSW3 MA-COM-MA4AGSW3_15 Datasheet
684Kb / 8P
SP3T AlGaAs PIN Diode Switch
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com