Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4AGSW3_V7 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MA4AGSW3_V7 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MA4AGSW3_V7
Download  MA4AGSW3_V7 Download
File Size   131.49 Kbytes
Page   7 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description SP3T AlGaAs PIN Diode Switch

MA4AGSW3_V7 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA4AGSW3_V7 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MA4AGSW3_V7
Download  MA4AGSW3_V7 Click to download

File Size   131.49 Kbytes
Page   7 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description SP3T AlGaAs PIN Diode Switch

MA4AGSW3_V7 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MA4AGSW3_V7 Product details

DESCRIPTION
The MA4AGSW3 is an Aluminum-Gallium-Arsenide, single pole, triple throw (SP3T), PIN diode switch. The switch features enhanced AlGaAs anodes which are formed using M/A-COM Tech’s patented heterojunction technology. This technology produces a switch with less loss than conventional GaAs processes. As much as a 0.3 dB reduction in insertion loss can be realized at 50GHz. These devices are fabricated on an OMCVD epitaxial wafer using a process designed for high device uniformity and extremely low parasitics. The diodes themselves exhibit low series resistance, low capacitance, and fast switching speed. They are fully passivated with silicon nitride and have an additional polymer layer for scratch protection. The protective coating prevents damage to the diode junction and anode air-bridges during handling and assembly. Off chip bias circuitry is required.

FEATURES
• Ultra Broad Bandwidth : 50 MHz to 50 GHz
• Functional Bandwidth : 50 MHz to 70 GHz
• 0.8 dB Insertion Loss
• 31 dB Isolation at 50 GHz
• Low Current consumption
   • -10mA for low loss state
   • +10mA for Isolation state
•  M/A-COM Tech’s unique AlGaAs
   hetero-junction anode technology
• Silicon Nitride Passivation
• Polymer Scratch protection
• RoHS Compliant* and 260°C Reflow Compatible




Similar Part No. - MA4AGSW3_V7

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4AGSW3 MA-COM-MA4AGSW3_15 Datasheet
684Kb / 8P
SP3T AlGaAs PIN Diode Switch
More results


Similar Description - MA4AGSW3_V7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4AGSW8-2 MACOM-MA4AGSW8-2 Datasheet
155Kb / 7P
AlGaAs SP8T PIN Diode Switch
MA4AGSW3 MACOM-MA4AGSW3 Datasheet
241Kb / 6P
AlGaAs SP3T PIN Diode Switch
logo
M/A-COM Technology Solu...
MA4AGSW3 MA-COM-MA4AGSW3 Datasheet
159Kb / 7P
SP3T AlGaAs PIN Diode Switch
MA4AGSW8-2 MA-COM-MA4AGSW8-2 Datasheet
123Kb / 6P
SP8T AlGaAs PIN Diode Switch
MA4AGSW2_V5 MA-COM-MA4AGSW2_V5 Datasheet
111Kb / 7P
SPDT AlGaAs PIN Diode Switch
MA4AGSW5_V5 MA-COM-MA4AGSW5_V5 Datasheet
140Kb / 7P
SP5T AlGaAs PIN Diode Switch
MA4AGSW4 MA-COM-MA4AGSW4_15 Datasheet
711Kb / 8P
SP4T AlGaAs PIN Diode Switch
MA4AGSW3 MA-COM-MA4AGSW3_15 Datasheet
684Kb / 8P
SP3T AlGaAs PIN Diode Switch
MSW310X-310 MA-COM-MSW310X-310 Datasheet
1Mb / 15P
SP3T PIN Diode Switch
MSW3103-310 MA-COM-MSW3103-310 Datasheet
1Mb / 14P
SP3T PIN Diode Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com