Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RF10-EP Datasheet (PDF) - Texas Instruments

DAC39RF10-EP Datasheet PDF - Texas Instruments
Part # DAC39RF10-EP
Download  DAC39RF10-EP Download
File Size   14774.96 Kbytes
Page   226 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description DAC39RF10, DAC39RFS10 10.24, 20.48-GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B, C Interface

DAC39RF10-EP Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC39RF10-EP Datasheet PDF - Texas Instruments

Part # DAC39RF10-EP
Download  DAC39RF10-EP Click to download

File Size   14774.96 Kbytes
Page   226 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description DAC39RF10, DAC39RFS10 10.24, 20.48-GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B, C Interface

DAC39RF10-EP Datasheet (HTML) - Texas Instruments


DAC39RF10-EP Product details

1 Features
• 16-bit, 10.24/20.48GSPS, Multi-Nyquist DAC core
• Maximum input data rate:
– 8-bit, Single channel, DES mode: 20.48GSPS
– 12-bit, Single channel, DES mode: 15.5GSPS
– 16-bit, Single channel: 10.24GSPS
– 8-bit, Dual channel, 10.24GSPS
– 12-bit, Dual channel: 7.75GSPS/ch
– 16-bit, Dual channel: 6.2GSPS/ch
• Output bandwidth (-3dB): 12GHz
• Performance at fOUT = 2.997GHz, DES2XL mode,
DEM/Dither off
– Noise floor (small signal): –155dBFS/Hz
– SFDR (-0.1 dBFS) : 60dBc
– IMD3 (-7 dBFS each tone) : –62dBc
– Additive phase noise, 10kHz offset: -138dBc/Hz
• Four integrated digital up-converters (DUC)
– Interpolation: 1x, 2x, 3x, 4x, 6x, 8x ... 256x
– Complex baseband DUC for I/Q output
– Complex to real upconversion for dual channel
direct RF sampling
– 64-bit frequency resolution NCOs
• Fast reconfiguration interface for fast frequency
hopping
– 4-bit data with 200MHz clock
– 60ns reconfiguration (32-bit frequency)
– Any frequency hopping with phase coherence
• JESD204C Interface
– Up to 16 Lanes at up to 12.8Gbps
– Class C-S, Subclass-1 compatible
– Internal AC coupling capacitors
• SYSREF Windowing for automatic SYSREF timing
calibration

2 Applications
• Satellite communications (SATCOM)
• Phased array antenna systems
• Synthetic aperture radar (SAR) exciter
• Wireless communications testers
• Arbitrary waveform generator (AWG)

3 Description
The DAC39RF10 and 'RFS10 are a family of dual and
single channel digital-to-analog converters (DAC) with
16-bit resolution. The devices can be used as noninterpolating
or interpolating DACs for either direct RF
sampling or complex baseband signal generation. The
maximum input data rate is 20.48GSPS for a single
channel or 10.24GSPS for two channels. The devices
can generate signals of up to 10, 7.5, and 5GHz
signal bandwidth (8, 12, and 16-bit input resolution)
at carrier frequencies exceeding 8GHz enabling direct
sampling through C-band and into X-band.
The high sampling rate, output frequency range, 64-
bit NCO frequency resolution and any frequency
hopping with phase coherence also makes the device
capable of arbitrary waveform generation (AWG) and
direct digital synthesis (DDS).
A JESD204B and JESD204C compatible serial
interface has 16 receiver pairs capable of up
to 12.8Gbps. The interface is JESD204B and
JESD204C subclass-1 compliant for deterministic
latency and multi-device synchronization through the
use of SYSREF.




Similar Part No. - DAC39RF10-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC39RF10-EP TI-DAC39RF10-EP Datasheet
10Mb / 178P
DAC39RF10 10.24-GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B, C Interface
MAY 2023
DAC39RF10-EP TI1-DAC39RF10-EP Datasheet
14Mb / 222P
DAC39RF10, DAC39RFS10 10.24, 20.48-GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B, C Interface
REVISED NOVEMBER 2023
DAC39RF10-EP TI1-DAC39RF10-EP Datasheet
12Mb / 180P
DAC39RF10EF DAC39RFS10EF 10.24, 20.48GSPS, Dual and Single Channel, Multi- Nyquist Digital-to-Analog Converter (DAC) with JESD204B,C Interface
NOVEMBER 2023
DAC39RF10-EP TI1-DAC39RF10-EP Datasheet
14Mb / 208P
DAC39RF12, DAC39RFS12 12, 24-GSPS, 16-bit, Dual or Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B,C Interface
NOVEMBER 2023
DAC39RF10-EP TI1-DAC39RF10-EP Datasheet
14Mb / 213P
DAC39RF12, DAC39RFS12 12, 24-GSPS, 16-bit, Dual or Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B,C Interface
MARCH 2024
More results


Similar Description - DAC39RF10-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC3482 TI1-DAC3482 Datasheet
1Mb / 79P
Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC3482IRKD25 TI1-DAC3482IRKD25 Datasheet
1Mb / 87P
Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI1-DAC3482_14 Datasheet
1Mb / 92P
Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI-DAC3482_15 Datasheet
2Mb / 106P
DAC3482, Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI1-DAC3482_15 Datasheet
2Mb / 106P
Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
logo
Analog Devices
AD9207 AD-AD9207 Datasheet
252Kb / 5P
12-Bit, 6 GSPS, JESD204B/C Dual Analog-to-Digital Converter
logo
Texas Instruments
DAC39RF10 TI-DAC39RF10 Datasheet
10Mb / 178P
DAC39RF10 10.24-GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B, C Interface
MAY 2023
DAC39RF10EF TI1-DAC39RF10EF Datasheet
12Mb / 180P
DAC39RF10EF DAC39RFS10EF 10.24, 20.48GSPS, Dual and Single Channel, Multi- Nyquist Digital-to-Analog Converter (DAC) with JESD204B,C Interface
NOVEMBER 2023
DAC39RF10 TI1-DAC39RF10_V01 Datasheet
14Mb / 222P
DAC39RF10, DAC39RFS10 10.24, 20.48-GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B, C Interface
REVISED NOVEMBER 2023
DAC39RF12 TI1-DAC39RF12 Datasheet
14Mb / 208P
DAC39RF12, DAC39RFS12 12, 24-GSPS, 16-bit, Dual or Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B,C Interface
NOVEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com