Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7408W Datasheet (PDF) - Belden Inc.

7408W Datasheet PDF - Belden Inc.
Part # 7408W
Download  7408W Download
File Size   163.27 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description MachFlex™, 171G C #20 Str BC, PVC Ins, TPE Jkt, PLTC

7408W Datasheet (PDF)

Go To PDF Page Download Datasheet
7408W Datasheet PDF - Belden Inc.

Part # 7408W
Download  7408W Click to download

File Size   163.27 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description MachFlex™, 171G C #20 Str BC, PVC Ins, TPE Jkt, PLTC

7408W Datasheet (HTML) - Belden Inc.


7408W Product details

Product Description
MachFlex™ for High Flex, 17+1G Conductor 20AWG (19x32) Bare Copper, PVC Insulation, TPE Outer Jacket, PLTC




Similar Part No. - 7408W

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
7408WS BELDEN-7408WS Datasheet
173Kb / 2P
MachFlex™, 241G C #20 Str BC, PVC Ins, OA TC Brd, TPE Jkt, PLTC
01-10-2024
7408WS-0601000 BELDEN-7408WS-0601000 Datasheet
173Kb / 2P
MachFlex™, 241G C #20 Str BC, PVC Ins, OA TC Brd, TPE Jkt, PLTC
01-10-2024
7408WS-060250 BELDEN-7408WS-060250 Datasheet
173Kb / 2P
MachFlex™, 241G C #20 Str BC, PVC Ins, OA TC Brd, TPE Jkt, PLTC
01-10-2024
More results


Similar Description - 7408W

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
7201A BELDEN-7201A Datasheet
238Kb / 3P
MachFlex?? 2 Pr #24 Str BC, PO Ins, OSTC Brd, PVC Jkt, CM
1349A BELDEN-1349A Datasheet
258Kb / 3P
CC Link, 5 C #1820 Str BC, PVCPO Ins, OSTC Brd, PVC Jkt, PVC Jkt, CM
8678 BELDEN-8678 Datasheet
153Kb / 2P
Electronic, 2 C #10 Str BC, PVC Ins, PVC Jkt
05-05-2023
9458 BELDEN-9458 Datasheet
214Kb / 2P
Electronic, 15 C #20 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
8484 BELDEN-8484 Datasheet
144Kb / 2P
Electronic, 4 C #20 Str BC, PVC Ins, PVC Jkt
05-05-2023
1058A BELDEN-1058A Datasheet
203Kb / 2P
Inst, 12 Pr #2022 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
06-01-2023
1059A BELDEN-1059A Datasheet
164Kb / 2P
Inst, 16 Pr #2022 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
3018A BELDEN-3018A Datasheet
144Kb / 2P
Inst, 2 Tri #20 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
1526A BELDEN-1526A Datasheet
161Kb / 2P
Inst, 1 Tri #20 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
12-16-2022
31P1620 BELDEN-31P1620 Datasheet
149Kb / 2P
Inst PVC/PVC, 20 Pr #16 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com