Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3018A Datasheet (PDF) - Belden Inc.

3018A Datasheet PDF - Belden Inc.
Part # 3018A
Download  3018A Download
File Size   144.13 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Inst, 2 Tri #20 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG

3018A Datasheet (PDF)

Go To PDF Page Download Datasheet
3018A Datasheet PDF - Belden Inc.

Part # 3018A
Download  3018A Click to download

File Size   144.13 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Inst, 2 Tri #20 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG

3018A Datasheet (HTML) - Belden Inc.


3018A Product details

Product Description
UL Instrumentation, 2 Triad 20AWG (7x28) Bare Copper, PVC Insulation E1 Color Code, Individual & Overall Beldfoil® Shield, Black PVC Outer Jacket, PLTC
ITC CMG AWM 2464 SUN RES




Similar Part No. - 3018A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3018 ETC2-3018 Datasheet
99Kb / 1P
TEST TIPS AND PLUGS
3018 ETC2-3018 Datasheet
158Kb / 3P
3/8 Square Drive Sockets, SAE
logo
American Electronic Com...
3018 AEC-3018 Datasheet
174Kb / 1P
Tilt Switch - Mercury
logo
Heyco.
3018 HEYCO-3018 Datasheet
135Kb / 1P
Large Dome Plugs
logo
Adafruit Industries
3018 ADAFRUIT-3018 Datasheet
710Kb / 3P
Pimoroni Explorer pHAT for Raspberry Pi Zero
More results


Similar Description - 3018A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1036A BELDEN-1036A Datasheet
190Kb / 2P
Inst, 1 Tri #18 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
1083A BELDEN-1083A Datasheet
169Kb / 2P
Inst, 4 Tri #2022 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
1084A BELDEN-1084A Datasheet
163Kb / 2P
Inst, 8 Tri #2022 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
1092A BELDEN-1092A Datasheet
164Kb / 2P
Inst, 16 Tri #2022 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
3044A BELDEN-3044A Datasheet
148Kb / 2P
Inst, 2 Tri #1622 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
31T1612 BELDEN-31T1612 Datasheet
148Kb / 2P
Inst PVC/PVC, 12 Tri #16 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
32P1402 BELDEN-32P1402 Datasheet
151Kb / 2P
Inst PVC/PVC, 2 Pr #14 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
08-10-2023
1085A BELDEN-1085A Datasheet
163Kb / 2P
Inst, 12 Tri #2022 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
3032A BELDEN-3032A Datasheet
213Kb / 2P
Inst, 8 Tri #18 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
1526A BELDEN-1526A Datasheet
161Kb / 2P
Inst, 1 Tri #20 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
12-16-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com