Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1092A Datasheet (PDF) - Belden Inc.

1092A Datasheet PDF - Belden Inc.
Part # 1092A
Download  1092A Download
File Size   164.35 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Inst, 16 Tri #2022 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG

1092A Datasheet (PDF)

Go To PDF Page Download Datasheet
1092A Datasheet PDF - Belden Inc.

Part # 1092A
Download  1092A Click to download

File Size   164.35 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Inst, 16 Tri #2022 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG

1092A Datasheet (HTML) - Belden Inc.


1092A Product details

Product Description
UL Instrumentation, 16 Triad 20+22AWG (7x28) Bare Copper, PVC Insulation E1 Color Code, Individual & Overall Beldfoil® Shield, Black PVC Outer Jacket,
PLTC ITC CMG AWM 2464 SUN RES




Similar Part No. - 1092A

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
1092A1-125VAC VCC-1092A1-125VAC Datasheet
611Kb / 5P
1092 Series 0.500” (12.7mm) Wire Leads LED Panel Mount Indicator
03/18 Rev4
1092A1-12V VCC-1092A1-12V Datasheet
611Kb / 5P
1092 Series 0.500” (12.7mm) Wire Leads LED Panel Mount Indicator
03/18 Rev4
1092A1-28V VCC-1092A1-28V Datasheet
611Kb / 5P
1092 Series 0.500” (12.7mm) Wire Leads LED Panel Mount Indicator
03/18 Rev4
1092A3-125VAC VCC-1092A3-125VAC Datasheet
611Kb / 5P
1092 Series 0.500” (12.7mm) Wire Leads LED Panel Mount Indicator
03/18 Rev4
1092A3-12V VCC-1092A3-12V Datasheet
611Kb / 5P
1092 Series 0.500” (12.7mm) Wire Leads LED Panel Mount Indicator
03/18 Rev4
More results


Similar Description - 1092A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1083A BELDEN-1083A Datasheet
169Kb / 2P
Inst, 4 Tri #2022 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
1084A BELDEN-1084A Datasheet
163Kb / 2P
Inst, 8 Tri #2022 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
3044A BELDEN-3044A Datasheet
148Kb / 2P
Inst, 2 Tri #1622 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
3046A BELDEN-3046A Datasheet
214Kb / 2P
Inst, 4 Tri #1622 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
31T1612 BELDEN-31T1612 Datasheet
148Kb / 2P
Inst PVC/PVC, 12 Tri #16 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
1085A BELDEN-1085A Datasheet
163Kb / 2P
Inst, 12 Tri #2022 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
3018A BELDEN-3018A Datasheet
144Kb / 2P
Inst, 2 Tri #20 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
3052A BELDEN-3052A Datasheet
213Kb / 2P
Inst, 16 Tri #1622 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
3069A BELDEN-3069A Datasheet
166Kb / 2P
Inst, 12 Tri #1622 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
12-16-2022
1526A BELDEN-1526A Datasheet
161Kb / 2P
Inst, 1 Tri #20 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
12-16-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com