Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1085A Datasheet (PDF) - Belden Inc.

1085A Datasheet PDF - Belden Inc.
Part # 1085A
Download  1085A Download
File Size   163.98 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Inst, 12 Tri #2022 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG

1085A Datasheet (PDF)

Go To PDF Page Download Datasheet
1085A Datasheet PDF - Belden Inc.

Part # 1085A
Download  1085A Click to download

File Size   163.98 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Inst, 12 Tri #2022 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG

1085A Datasheet (HTML) - Belden Inc.


1085A Product details

Product Description
UL Instrumentation, 12 Triad 20+22AWG (7x28) Bare Copper, PVC Insulation E1 Color Code, Individual & Overall Beldfoil® Shield, Black PVC Outer Jacket,
PLTC ITC CMG AWM 2464 SUN RES




Similar Part No. - 1085A

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
1085 ALPHAWIRE-1085 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
1085 ALPHAWIRE-1085 Datasheet
98Kb / 4P
Customer Specification
11/30/2022
logo
Videk Ltd
1085 VIDEK-1085 Datasheet
121Kb / 2P
Bi-Directional IEEE 1284 Parallel Cables
1085-10 VIDEK-1085-10 Datasheet
121Kb / 2P
Bi-Directional IEEE 1284 Parallel Cables
1085-2 VIDEK-1085-2 Datasheet
121Kb / 2P
Bi-Directional IEEE 1284 Parallel Cables
More results


Similar Description - 1085A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1082A BELDEN-1082A Datasheet
161Kb / 2P
Inst, 50 Pr #2022 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
1083A BELDEN-1083A Datasheet
169Kb / 2P
Inst, 4 Tri #2022 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
1084A BELDEN-1084A Datasheet
163Kb / 2P
Inst, 8 Tri #2022 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
1092A BELDEN-1092A Datasheet
164Kb / 2P
Inst, 16 Tri #2022 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
31T1612 BELDEN-31T1612 Datasheet
148Kb / 2P
Inst PVC/PVC, 12 Tri #16 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
1058A BELDEN-1058A Datasheet
203Kb / 2P
Inst, 12 Pr #2022 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
06-01-2023
1078A BELDEN-1078A Datasheet
163Kb / 2P
Inst, 12 Pr #2022 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
3018A BELDEN-3018A Datasheet
144Kb / 2P
Inst, 2 Tri #20 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
3069A BELDEN-3069A Datasheet
166Kb / 2P
Inst, 12 Tri #1622 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
12-16-2022
1526A BELDEN-1526A Datasheet
161Kb / 2P
Inst, 1 Tri #20 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
12-16-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com