Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2756 Datasheet (PDF) - Maxim Integrated Products

DS2756 Datasheet PDF - Maxim Integrated Products
Part # DS2756
Download  DS2756 Download
File Size   300.74 Kbytes
Page   26 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Accuracy Battery Fuel Gauge with Programmable Suspend Mode

DS2756 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2756 Datasheet PDF - Maxim Integrated Products

Part # DS2756
Download  DS2756 Click to download

File Size   300.74 Kbytes
Page   26 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Accuracy Battery Fuel Gauge with Programmable Suspend Mode

DS2756 Datasheet (HTML) - Maxim Integrated Products


DS2756 Product details

GENERAL DESCRIPTION
The DS2756 high-precision battery fuel gauge is a data-acquisition and information-storage device tailored for cost-sensitive and space-constrained 1-cell Li+/polymer battery-pack applications. The DS2756 provides the key hardware components required to accurately estimate remaining capacity by integrating low-power, precision measurements of temperature, voltage, current, and current accumulation, as well as nonvolatile (NV) data storage, into the small footprint of a 3.0mm x 4.4mm 8-pin TSSOP package.

FEATURES
■ Programmable Suspend Mode
■ Accurate Current Accumulation
    - 2% ±4μV over ±64mV Input Range
    - 2% ±200μA over ±3.2A with 20m Sense
■ Current Measurement
    - 9-Bit Snapshot Measurement
    - 12-Bit Average Updated Every 88ms
    - 15-Bit Average Updated Every 2.8s
■ Voltage Measurement
    - 9-Bit Snapshot Measurement
    - 10-Bit Average Updated Every 4ms
■ Temperature Measurement
    - 10-Bit with 0.125°C Resolution
■ Snapshot Mode Allows Instantaneous Power Measurement
■ Host Alerted When Accumulated Current or Temperature Exceeds Programmable Limits
■ 96 Bytes of Lockable EEPROM
■ 8 Bytes of General-Purpose SRAM
■ Dallas 1-Wire Interface with Unique 64-Bit Address and Standard or Overdrive Timing
■ 3mm Dimension of 8-Pin TSSOP Package Allows Mounting on Side of Thin Prismatic Li+ and Li+/Polymer Cells




Similar Part No. - DS2756

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2756 MAXIM-DS2756 Datasheet
368Kb / 27P
High-Accuracy Battery Fuel Gauge with Programmable Suspend Mode
5/09
DS2756E+ MAXIM-DS2756E+ Datasheet
368Kb / 27P
High-Accuracy Battery Fuel Gauge with Programmable Suspend Mode
5/09
DS2756E+TR MAXIM-DS2756E+TR Datasheet
368Kb / 27P
High-Accuracy Battery Fuel Gauge with Programmable Suspend Mode
5/09
DS2756 MAXIM-DS2756_09 Datasheet
368Kb / 27P
High-Accuracy Battery Fuel Gauge with Programmable Suspend Mode
5/09
More results


Similar Description - DS2756

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2755 DALLAS-DS2755 Datasheet
240Kb / 20P
High-Accuracy Battery Fuel Gauge with Snapshot
logo
Maxim Integrated Produc...
DS2756 MAXIM-DS2756_09 Datasheet
368Kb / 27P
High-Accuracy Battery Fuel Gauge with Programmable Suspend Mode
5/09
logo
ON Semiconductor
LC709203F ONSEMI-LC709203F Datasheet
911Kb / 23P
Smart LiB Gauge Battery Fuel Gauge LSI
March 2015- Rev. 8
logo
Texas Instruments
BQ27742-G1 TI1-BQ27742-G1 Datasheet
1Mb / 46P
Single-Cell Li-Ion Battery Fuel Gauge with Programmable Hardware Protection
BQ35100 TI1-BQ35100 Datasheet
493Kb / 26P
Lithium Primary Battery Fuel Gauge
logo
Dallas Semiconductor
DS2751K DALLAS-DS2751K Datasheet
258Kb / 11P
Battery Fuel Gauge Evaluation Kit
logo
Texas Instruments
BQ27743 TI1-BQ27743 Datasheet
624Kb / 42P
Single-Cell Li-Ion Battery Fuel Gauge with Programmable Hardware Protection
logo
Maxim Integrated Produc...
DS2792 MAXIM-DS2792 Datasheet
418Kb / 40P
Programmable Fuel Gauge with UART Interface
REV: 021607
DS2751 MAXIM-DS2751_V01 Datasheet
253Kb / 19P
Multichemistry Battery Fuel Gauge
2007
logo
Silicon Mitus, Inc.
SM5603 SILICONMITUS-SM5603 Datasheet
589Kb / 2P
Fuel Gauge for Battery Pack
July 2021 Rev0.0.0
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com