Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2755 Datasheet (PDF) - Dallas Semiconductor

DS2755 Datasheet PDF - Dallas Semiconductor
Part # DS2755
Download  DS2755 Download
File Size   240.93 Kbytes
Page   20 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description High-Accuracy Battery Fuel Gauge with Snapshot

DS2755 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2755 Datasheet PDF - Dallas Semiconductor

Part # DS2755
Download  DS2755 Click to download

File Size   240.93 Kbytes
Page   20 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description High-Accuracy Battery Fuel Gauge with Snapshot

DS2755 Datasheet (HTML) - Dallas Semiconductor


DS2755 Product details

DESCRIPTION
The DS2755 high-precision battery fuel gauge is a data-acquisition and information-storage device tailored for cost-sensitive and space-constrained 1-cell Li+/polymer battery-pack applications. The DS2755 provides the key hardware components required to accurately estimate remaining capacity by integrating low-power, precision measurements of temperature, voltage, current, and current accumulation, as well as nonvolatile (NV) data storage, into the small footprint of a 3.0mm x 4.4mm 8-pin TSSOP package.

FEATURES
■ Snapshot Mode Allows Instantaneous Power Measurement
■ Accurate Current Measurement for Coulomb Counting (Current Accumulation)
    - 2% ±4μV over ±64mV Input Range
    - 2% ±200μA over ±3.2A Range Using a 20mΩ Sense Resistor
■ Current Measurement
    - 9-Bit Bidirectional Snapshot Measurement
    - 12-Bit Bidirectional Average Updated Every 88ms
    - 15-Bit Bidirectional Average Updated Every 2.8s
■ Voltage Measurement
    - 9-Bit Snapshot Measurement
    - 10-Bit Measurement Updated Every 4ms
■ Temperature Measurement
    - 10-Bit Measurement, 0.125°C Resolution Using Integrated Sensor
■ Host Alerted When Accumulated Current or Temperature Exceeds User-Selectable Limits
■ 96 Bytes of Lockable EEPROM
■ 8 Bytes of General-Purpose SRAM
■ Dallas 1-Wire® Interface with Unique 64-Bit Device Address with Standard 16kbps or Overdrive 142kbps Timing
■ 3mm Dimension of 8-Pin TSSOP Package Allows Mounting on Side of Thin Prismatic Li+ and Li+/Polymer Cells

APPLICATIONS
    Cell Phones
    Digital Cameras
    Smartphones
    PDAs
    Portable Consumer Products




Similar Part No. - DS2755

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS275 DALLAS-DS275 Datasheet
126Kb / 8P
Line-Powered RS-232 Transceiver Chip
logo
Maxim Integrated Produc...
DS2751 MAXIM-DS2751 Datasheet
247Kb / 19P
Multichemistry Fuel Garge
020105
DS2751 MAXIM-DS2751 Datasheet
253Kb / 19P
Multichemistry Battery Fuel Gauge
2007
DS2751+ MAXIM-DS2751+ Datasheet
247Kb / 19P
Multichemistry Fuel Garge
020105
DS2751+025 MAXIM-DS2751+025 Datasheet
247Kb / 19P
Multichemistry Fuel Garge
020105
More results


Similar Description - DS2755

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2756 MAXIM-DS2756 Datasheet
300Kb / 26P
High-Accuracy Battery Fuel Gauge with Programmable Suspend Mode
050806
DS2756 MAXIM-DS2756_09 Datasheet
368Kb / 27P
High-Accuracy Battery Fuel Gauge with Programmable Suspend Mode
5/09
logo
ON Semiconductor
LC709203F ONSEMI-LC709203F Datasheet
911Kb / 23P
Smart LiB Gauge Battery Fuel Gauge LSI
March 2015- Rev. 8
logo
Texas Instruments
BQ27530-G1 TI1-BQ27530-G1_16 Datasheet
1,013Kb / 33P
Battery Management Unit Impedance Track Fuel Gauge
BQ27531-G1 TI1-BQ27531-G1_16 Datasheet
1Mb / 34P
Battery Management Unit Impedance Track Fuel Gauge
BQ35100 TI1-BQ35100 Datasheet
493Kb / 26P
Lithium Primary Battery Fuel Gauge
logo
ON Semiconductor
LC709203F ONSEMI-LC709203F_16 Datasheet
1Mb / 22P
Smart LiB Gauge Battery Fuel Gauge LSI
June 2016 - Rev. 9
logo
Dallas Semiconductor
DS2751K DALLAS-DS2751K Datasheet
258Kb / 11P
Battery Fuel Gauge Evaluation Kit
logo
Maxim Integrated Produc...
DS2751 MAXIM-DS2751_V01 Datasheet
253Kb / 19P
Multichemistry Battery Fuel Gauge
2007
logo
Silicon Mitus, Inc.
SM5603 SILICONMITUS-SM5603 Datasheet
589Kb / 2P
Fuel Gauge for Battery Pack
July 2021 Rev0.0.0
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com