Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS275 Datasheet (PDF) - Dallas Semiconductor

DS275 Datasheet PDF - Dallas Semiconductor
Part # DS275
Download  DS275 Download
File Size   126.75 Kbytes
Page   8 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Line-Powered RS-232 Transceiver Chip

DS275 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS275 Datasheet PDF - Dallas Semiconductor

Part # DS275
Download  DS275 Click to download

File Size   126.75 Kbytes
Page   8 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Line-Powered RS-232 Transceiver Chip

DS275 Datasheet (HTML) - Dallas Semiconductor


DS275 Product details

DESCRIPTION
The DS275 Line-Powered RS-232 Transceiver Chip is a CMOS device that provides a low-cost, very low-power interface to RS-232 serial ports. The receiver input translates RS-232 signal levels to common CMOS/TTL levels. The transmitter employs a unique circuit which steals current from the receive RS- 232 signal when that signal is in a negative state (marking).

FEATURES
● Low-power serial transmitter/receiver for battery-backed systems
● Transmitter steals power from receive signal line to save power
● Ultra-low static current, even when connected to RS-232-E port
● Variable transmitter level from +5 to +12 volts
● Compatible with RS-232-E signals
● Available in 8-pin, 150 mil wide SOIC package (DS275S)
● Low-power CMOS




Similar Part No. - DS275

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2751 MAXIM-DS2751 Datasheet
247Kb / 19P
Multichemistry Fuel Garge
020105
DS2751 MAXIM-DS2751 Datasheet
253Kb / 19P
Multichemistry Battery Fuel Gauge
2007
DS2751+ MAXIM-DS2751+ Datasheet
247Kb / 19P
Multichemistry Fuel Garge
020105
DS2751+025 MAXIM-DS2751+025 Datasheet
247Kb / 19P
Multichemistry Fuel Garge
020105
DS2751-025 MAXIM-DS2751-025 Datasheet
247Kb / 19P
Multichemistry Fuel Garge
020105
More results


Similar Description - DS275

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7306 AD-AD7306 Datasheet
149Kb / 8P
5 V Powered RS-232/RS-422 Transceiver
logo
Intersil Corporation
HIN230 INTERSIL-HIN230 Datasheet
379Kb / 15P
5V Powered RS-232 Transmitters/Receivers
2000 05
logo
Maxim Integrated Produc...
MAX218 MAXIM-MAX218 Datasheet
92Kb / 8P
1.8V to 4.25V-Powered, True RS-232 Dual Transceiver
19-0246; Rev 1; 7/95
MAX2511 MAXIM-MAX2511 Datasheet
263Kb / 8P
Complete, 5V-Powered, Isolated, Dual RS-232 Transceiver Module
19-2370; Rev 2; 10/91
logo
Tiger Electronic Co.,Lt...
MAX232 TGS-MAX232 Datasheet
330Kb / 7P
5V-Powered, Multichannel RS-232
logo
Maxim Integrated Produc...
MAX212CWG MAXIM-MAX212CWG Datasheet
116Kb / 8P
3V-Powered, Low-Power, True RS-232 Transceiver
Rev 2; 2/94
logo
Renesas Technology Corp
HIN232 RENESAS-HIN232 Datasheet
1Mb / 22P
5V Powered RS-232 Transmitters/Receivers
logo
Analog Devices
AD7306 AD-AD7306_V01 Datasheet
174Kb / 10P
5 V Powered RS-232/RS-422 Transceiver
Rev. D
logo
Advantech Co., Ltd.
BB-422LP25R ADVANTECH-BB-422LP25R Datasheet
342Kb / 1P
Port-powered RS-232 to RS-422 Converter
BB-422LP9R ADVANTECH-BB-422LP9R Datasheet
548Kb / 2P
Port-powered RS-232 to RS-422 Converter
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com