Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX218 Datasheet (PDF) - Maxim Integrated Products

MAX218 Datasheet PDF - Maxim Integrated Products
Part # MAX218
Download  MAX218 Download
File Size   92.55 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1.8V to 4.25V-Powered, True RS-232 Dual Transceiver

MAX218 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX218 Datasheet PDF - Maxim Integrated Products

Part # MAX218
Download  MAX218 Click to download

File Size   92.55 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1.8V to 4.25V-Powered, True RS-232 Dual Transceiver

MAX218 Datasheet (HTML) - Maxim Integrated Products


MAX218 Product details

General Description
The MAX218 RS-232 transceiver is intended for battery powered EIA/TIA-232E and V.28/V.24 communications interfaces that need two drivers and two receivers with minimum power consumption. It provides a wide +1.8V to +4.25V operating voltage range while maintaining true RS-232 and EIA/TIA-562 voltage levels. The MAX218 runs from two alkaline, NiCd, or NiMH cells without any form of voltage regulator.

Features
BETTER THAN BIPOLAR!
♦ Operates Directly from Two Alkaline, NiCd,
   or NiMH Cells
♦ +1.8V to +4.25V Supply Voltage Range
♦ 120kbps Data Rate
♦ Low-Cost Surface-Mount Components
♦ Meets EIA/TIA-232E Specifications
♦ 1µA Low-Power Shutdown Mode
♦ Both Receivers Active During Low-Power Shutdown
♦ Three-State Receiver Outputs
♦ Flow-Through Pinout
♦ On-Board DC-DC Converters
♦ 20-Pin SSOP, Wide SO, or DIP Packages

Applications
   Battery-Powered Equipment
   Computers
   Printers
   Peripherals
   Instruments
   Modems




Similar Part No. - MAX218

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2180A MAXIM-MAX2180A Datasheet
745Kb / 1P
AM/FM Car Antenna Low-Noise Amplifier
Rev 2; 3/14
MAX2180A MAXIM-MAX2180A Datasheet
409Kb / 9P
Fully Assembled and Tested
Rev 0; 4/13
MAX2180AEVKIT MAXIM-MAX2180AEVKIT Datasheet
409Kb / 9P
Fully Assembled and Tested
Rev 0; 4/13
MAX2180AEVKIT# MAXIM-MAX2180AEVKIT# Datasheet
409Kb / 9P
Fully Assembled and Tested
Rev 0; 4/13
MAX2181 MAXIM-MAX2181 Datasheet
1Mb / 10P
FM Automotive Low-Noise Amplifier
Rev 0; 12/12
More results


Similar Description - MAX218

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7306 AD-AD7306 Datasheet
149Kb / 8P
5 V Powered RS-232/RS-422 Transceiver
logo
Dallas Semiconductor
DS275 DALLAS-DS275 Datasheet
126Kb / 8P
Line-Powered RS-232 Transceiver Chip
logo
Maxim Integrated Produc...
MAX2511 MAXIM-MAX2511 Datasheet
263Kb / 8P
Complete, 5V-Powered, Isolated, Dual RS-232 Transceiver Module
19-2370; Rev 2; 10/91
MAX3218 MAXIM-MAX3218 Datasheet
123Kb / 12P
1uA Supply Current, 1.8V to 4.25V-Powered RS-232 Transceiver with AutoShutdown™
Rev 0; 3/95
MAX212CWG MAXIM-MAX212CWG Datasheet
116Kb / 8P
3V-Powered, Low-Power, True RS-232 Transceiver
Rev 2; 2/94
MAX3218 MAXIM-MAX3218_V01 Datasheet
817Kb / 13P
1關A Supply Current, 1.8V to 4.25V-Powered RS-232 Transceiver with AutoShutdown
19-0380; Rev 2; 5/18
logo
Analog Devices
AD7306 AD-AD7306_V01 Datasheet
174Kb / 10P
5 V Powered RS-232/RS-422 Transceiver
Rev. D
logo
Advantech Co., Ltd.
BB-422LP25R ADVANTECH-BB-422LP25R Datasheet
342Kb / 1P
Port-powered RS-232 to RS-422 Converter
BB-422LP9R ADVANTECH-BB-422LP9R Datasheet
548Kb / 2P
Port-powered RS-232 to RS-422 Converter
ULI-226D ADVANTECH-ULI-226D Datasheet
508Kb / 3P
RS-232 to RS-485 Port-powered Converters
24-Jan-2022
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com