Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2511 Datasheet (PDF) - Maxim Integrated Products

MAX2511 Datasheet PDF - Maxim Integrated Products
Part # MAX2511
Download  MAX2511 Download
File Size   263.9 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Complete, 5V-Powered, Isolated, Dual RS-232 Transceiver Module

MAX2511 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX2511 Datasheet PDF - Maxim Integrated Products

Part # MAX2511
Download  MAX2511 Click to download

File Size   263.9 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Complete, 5V-Powered, Isolated, Dual RS-232 Transceiver Module

MAX2511 Datasheet (HTML) - Maxim Integrated Products


MAX2511 Product details

General Description

The MAX2511 is a complete, highly integrated IF transceiver for applications employing a dual-conversion
architecture. Alternatively, the MAX2511 can be used as a single-conversion transceiver if the RF operating
frequency ranges from 200MHz to 440MHz.



Features

♦ Single +2.7V to +5.5V Supply

♦ Complete Receive Path:

    200MHz to 440MHz (first IF) to 8MHz to 13MHz (second IF)

♦ Limiter with Differential Outputs (adjustable level)

♦ RSSI Function with 90dB Monotonic Dynamic Range

♦ Complete Transmit Path: 8MHz to 13MHz (second IF) to 200MHz to 440MHz (first IF)

♦ On-Chip Oscillator with Voltage Regulator and Buffer

♦ Advanced System Power Management (four modes)

♦ 0.1µA Shutdown Supply Current



Applications

    PWT1900 Wireless Handsets and

    Base Stations

    PACS, PHS, DECT and Other PCS

    Wireless Handsets and Base Stations

    400MHz ISM Transceivers

    IF Transceivers

    Wireless Data Links




Similar Part No. - MAX2511

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2511 MAXIM-MAX2511 Datasheet
126Kb / 16P
Low-Voltage IF Transceiver with Limiter and RSSI
Rev 0; 10/97
MAX2511 MAXIM-MAX2511 Datasheet
132Kb / 8P
Evaluation Kit
1997
MAX2511EEI MAXIM-MAX2511EEI Datasheet
126Kb / 16P
Low-Voltage IF Transceiver with Limiter and RSSI
Rev 0; 10/97
MAX2511EVKIT-SO MAXIM-MAX2511EVKIT-SO Datasheet
132Kb / 8P
Evaluation Kit
1997
MAX2511 MAXIM-MAX2511_1 Datasheet
132Kb / 8P
Evaluation Kit
1997
More results


Similar Description - MAX2511

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1228 DALLAS-DS1228 Datasheet
15Kb / 1P
5V Powered Dual RS-232 Transmitter/Receiver
logo
Intersil Corporation
HIN230 INTERSIL-HIN230 Datasheet
379Kb / 15P
5V Powered RS-232 Transmitters/Receivers
2000 05
ICL232 INTERSIL-ICL232 Datasheet
139Kb / 6P
5V Powered, Dual RS-232 Transmitter/Receiver
June 2001
logo
Maxim Integrated Produc...
MAX250 MAXIM-MAX250 Datasheet
416Kb / 12P
5V Powered Isolated RS-232 Drivers/Receivers
19-2002; Rev 0; 1989
logo
Harris Corporation
ICL232 HARRIS-ICL232 Datasheet
41Kb / 5P
5V Powered, Dual RS-232 Transmitter/Receiver
logo
Intersil Corporation
ICL232 INTERSIL-ICL232_05 Datasheet
210Kb / 7P
5V Powered, Dual RS-232 Transmitter/Receiver
July 28, 2005
HIN232 INTERSIL-HIN232 Datasheet
600Kb / 21P
5V Powered RS-232 Transmitters/Receivers
September 26, 2008
logo
Tiger Electronic Co.,Lt...
MAX232 TGS-MAX232 Datasheet
330Kb / 7P
5V-Powered, Multichannel RS-232
logo
Intersil Corporation
ICL232IBE INTERSIL-ICL232IBE Datasheet
221Kb / 7P
5V Powered, Dual RS-232 Transmitter/Receiver
July 28, 2005
logo
Renesas Technology Corp
ICL232 RENESAS-ICL232 Datasheet
451Kb / 8P
5V Powered, Dual RS-232 Transmitter/Receiver
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com