Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL232 Datasheet (PDF) - Intersil Corporation

ICL232 Datasheet PDF - Intersil Corporation
Part # ICL232
Download  ICL232 Download
File Size   139.65 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 5V Powered, Dual RS-232 Transmitter/Receiver

ICL232 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICL232 Datasheet PDF - Intersil Corporation

Part # ICL232
Download  ICL232 Click to download

File Size   139.65 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 5V Powered, Dual RS-232 Transmitter/Receiver

ICL232 Datasheet (HTML) - Intersil Corporation


ICL232 Product details

The ICL232 is a dual RS-232 transmitter/receiver interface circuit that meets all ElA RS-232C and V.28 specifications. It requires a single +5V power supply, and features two onboard charge pump voltage converters which generate +10V and -10V supplies from the 5V supply. The drivers feature true TTL/CMOS input compatibility, slew rate-limited output, and 300Ωpower-off source impedance. The receivers can handle up to +30V, and have a 3kΩ to 7kΩinput impedance. The receivers also have hysteresis to improve noise rejection.



 




Similar Part No. - ICL232

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
ICL232 HARRIS-ICL232 Datasheet
41Kb / 5P
5V Powered, Dual RS-232 Transmitter/Receiver
logo
Intersil Corporation
ICL232 INTERSIL-ICL232 Datasheet
210Kb / 7P
5V Powered, Dual RS-232 Transmitter/Receiver
July 28, 2005
logo
Renesas Technology Corp
ICL232 RENESAS-ICL232 Datasheet
451Kb / 8P
5V Powered, Dual RS-232 Transmitter/Receiver
logo
Harris Corporation
ICL232CBE HARRIS-ICL232CBE Datasheet
41Kb / 5P
5V Powered, Dual RS-232 Transmitter/Receiver
logo
Intersil Corporation
ICL232CBE INTERSIL-ICL232CBE Datasheet
210Kb / 7P
5V Powered, Dual RS-232 Transmitter/Receiver
July 28, 2005
More results


Similar Description - ICL232

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7142 NTE-NTE7142 Datasheet
27Kb / 3P
Integrated Circuit 5V-Powered, Multichannel RS-232 Driver/Receiver
logo
Dallas Semiconductor
DS1228 DALLAS-DS1228 Datasheet
15Kb / 1P
5V Powered Dual RS-232 Transmitter/Receiver
DS229 DALLAS-DS229 Datasheet
96Kb / 9P
Triple RS-232 Transmitter/Receiver
DS232A DALLAS-DS232A Datasheet
110Kb / 10P
Dual RS-232 Transmitter/Receiver
logo
Harris Corporation
ICL232 HARRIS-ICL232 Datasheet
41Kb / 5P
5V Powered, Dual RS-232 Transmitter/Receiver
logo
Intersil Corporation
ICL232 INTERSIL-ICL232_05 Datasheet
210Kb / 7P
5V Powered, Dual RS-232 Transmitter/Receiver
July 28, 2005
HIN232 INTERSIL-HIN232 Datasheet
600Kb / 21P
5V Powered RS-232 Transmitters/Receivers
September 26, 2008
logo
Tiger Electronic Co.,Lt...
MAX232 TGS-MAX232 Datasheet
330Kb / 7P
5V-Powered, Multichannel RS-232
logo
Intersil Corporation
ICL232IBE INTERSIL-ICL232IBE Datasheet
221Kb / 7P
5V Powered, Dual RS-232 Transmitter/Receiver
July 28, 2005
logo
Renesas Technology Corp
ICL232 RENESAS-ICL232 Datasheet
451Kb / 8P
5V Powered, Dual RS-232 Transmitter/Receiver
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com