Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS232A Datasheet (PDF) - Dallas Semiconductor

DS232A Datasheet PDF - Dallas Semiconductor
Part # DS232A
Download  DS232A Download
File Size   110.12 Kbytes
Page   10 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Dual RS-232 Transmitter/Receiver

DS232A Datasheet (PDF)

Go To PDF Page Download Datasheet
DS232A Datasheet PDF - Dallas Semiconductor

Part # DS232A
Download  DS232A Click to download

File Size   110.12 Kbytes
Page   10 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Dual RS-232 Transmitter/Receiver

DS232A Datasheet (HTML) - Dallas Semiconductor


DS232A Product details

DESCRIPTION

The DS232A is a dual RS-232 driver/receiver pair that generates RS-232 voltage levels from a single +5- volt power supply. Additional ±12-volt supplies are not needed since the DS232A uses on-board charge pumps to convert the +5-volt supply to ±10 volts. The DS232A is fully compliant with EIA RS-232E and V0.28/V0.24 standards. The DS232A contains two drivers and two receivers. Driver slew rates and data rates are guaranteed up to 250k bits/sec. The DS232A operates with only 0.1 µF charge pump capacitors.



FEATURES

  Compatible with LT1181A and MAX232A

  High data rate - 250 kbits/sec under load

  16-pin DIP or SOIC package

  20-pin TSSOP package for height restricted applications

  Operate from single +5V power

  Meets all EIA-232E and V0.28 specifications

  Uses small capacitors: 0.1 µF

  Optional industrial temperature range available (-40°C to +85°C)



 




Similar Part No. - DS232A

ManufacturerPart #DatasheetDescription
logo
Power-One
DS232 POWER-ONE-DS232 Datasheet
147Kb / 4P
100 Watt DC-DC Converters
DS2320-7R POWER-ONE-DS2320-7R Datasheet
147Kb / 4P
100 Watt DC-DC Converters
More results


Similar Description - DS232A

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC232 TELCOM-TC232 Datasheet
51Kb / 3P
DUAL RS-232 TRANSMITTER/RECEIVER AND POWER SUPPLY
logo
Dallas Semiconductor
DS1228 DALLAS-DS1228 Datasheet
15Kb / 1P
5V Powered Dual RS-232 Transmitter/Receiver
DS229 DALLAS-DS229 Datasheet
96Kb / 9P
Triple RS-232 Transmitter/Receiver
logo
Intersil Corporation
ICL232 INTERSIL-ICL232 Datasheet
139Kb / 6P
5V Powered, Dual RS-232 Transmitter/Receiver
June 2001
logo
Microchip Technology
TC232 MICROCHIP-TC232 Datasheet
52Kb / 6P
DUAL RS-232 TRANSMITTER/RECEIVER AND POWER SUPPLY
2001
logo
Harris Corporation
ICL232 HARRIS-ICL232 Datasheet
41Kb / 5P
5V Powered, Dual RS-232 Transmitter/Receiver
logo
Intersil Corporation
ICL232 INTERSIL-ICL232_05 Datasheet
210Kb / 7P
5V Powered, Dual RS-232 Transmitter/Receiver
July 28, 2005
ICL232IBE INTERSIL-ICL232IBE Datasheet
221Kb / 7P
5V Powered, Dual RS-232 Transmitter/Receiver
July 28, 2005
logo
Texas Instruments
MAX232E TI1-MAX232E_16 Datasheet
1Mb / 27P
Dual RS-232 Driver and Receiver
REVISED AUGUST 2016
logo
Renesas Technology Corp
ICL232 RENESAS-ICL232 Datasheet
451Kb / 8P
5V Powered, Dual RS-232 Transmitter/Receiver
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com