Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4205 Datasheet (PDF) - Infineon Technologies AG

SFH4205 Datasheet PDF - Infineon Technologies AG
Part # SFH4205
Download  SFH4205 Download
File Size   81.17 Kbytes
Page   7 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Schnelle GaAs-IR-Lumineszenzdiode (950 nm),High-Speed GaAs Infrared Emitter (950 nm)

SFH4205 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH4205 Datasheet PDF - Infineon Technologies AG

Part # SFH4205
Download  SFH4205 Click to download

File Size   81.17 Kbytes
Page   7 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Schnelle GaAs-IR-Lumineszenzdiode (950 nm),High-Speed GaAs Infrared Emitter (950 nm)

SFH4205 Datasheet (HTML) - Infineon Technologies AG


SFH4205 Product details

Features
• Very highly efficient GaAs-LED
• DC (with modulation) or pulsed operations are possible
• High reliability
• High pulse handling capability
• Very short switching times (10 ns)
• Suitable for surface mounting (SMT)
• Available on tape and reel
• SFH 4200 same package as SFH 320 SFH 4205 same package as SFH 325
• SFH 4205: Suitable only for IR-reflow soldering.

Applications
• High data transmission rate up to 100 Mbaud (IR keyboard, Joystick, Multimedia)
• Analog and digital Hi-Fi audio and video signal transmission
• Low power consumption (battery) equipment
• Suitable for professional and high-reliability applications
• Alarm and safety equipment
• IR free air transmission




Similar Part No. - SFH4205

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4205 OSRAM-SFH4205 Datasheet
77Kb / 7P
Leistungsstarke IR-Lumineszenzdiode
More results


Similar Description - SFH4205

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH4510 SIEMENS-SFH4510 Datasheet
58Kb / 6P
GaAs-IR-Lumineszenzdioden 950 nm GaAs Infrared Emitters 950 nm
logo
Infineon Technologies A...
SFH4500 INFINEON-SFH4500 Datasheet
63Kb / 6P
Schnelle IR-Lumineszenzdiode (950 nm) im SMR-Gehuse High-Speed Infrared Emitter (950 nm) in SMR Package
2000-01-01
logo
Vishay Siliconix
TSUS5200 VISHAY-TSUS5200_09 Datasheet
112Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
29-Jun-09
logo
OSRAM GmbH
SFH4301 OSRAM-SFH4301 Datasheet
83Kb / 6P
Schnelle IR-Lumineszenzdiode (950 nm) im 3 mm Radial
SFH4501 OSRAM-SFH4501 Datasheet
106Kb / 9P
Schnelle IR-Lumineszenzdiode (950 nm) im 5 mm Radial
logo
Vishay Siliconix
TSUS6202 VISHAY-TSUS6202 Datasheet
109Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
29-Sep-15
TSUS4300 VISHAY-TSUS4300_15 Datasheet
110Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
20-Oct-15
TSKS5400 VISHAY-TSKS5400_13 Datasheet
144Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
03-Sep-13
CQY37N VISHAY-CQY37N_V01 Datasheet
281Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
08-Mar-11
logo
OSRAM GmbH
F0118G OSRAM-F0118G Datasheet
65Kb / 6P
GaAs-Infrarot-Lumineszenzdiode (950 nm, Enhanced Power) GaAs Infrared Emitting Diode (950 nm, Enhanced Power)
2003-04-10
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com