Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F0118G Datasheet (PDF) - OSRAM GmbH

F0118G Datasheet PDF - OSRAM GmbH
Part # F0118G
Download  F0118G Download
File Size   65.52 Kbytes
Page   6 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description GaAs-Infrarot-Lumineszenzdiode (950 nm, Enhanced Power) GaAs Infrared Emitting Diode (950 nm, Enhanced Power)

F0118G Datasheet (PDF)

Go To PDF Page Download Datasheet
F0118G Datasheet PDF - OSRAM GmbH

Part # F0118G
Download  F0118G Click to download

File Size   65.52 Kbytes
Page   6 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description GaAs-Infrarot-Lumineszenzdiode (950 nm, Enhanced Power) GaAs Infrared Emitting Diode (950 nm, Enhanced Power)

F0118G Datasheet (HTML) - OSRAM GmbH


F0118G Product details

Features
• Typ. total radiant power: 24 mW @ 100 mA in
TOPLED® package.
• Chip size 300 x 300 μm2
• Peak wavelength: 950 nm
• Very highly efficient GaAs LED
• Good linearity (Ie = f [IF]) at high currents
• DC or pulsed operations are possible
• High reliability
• High pulse handling capability

Applications
• IR remote control for hifi and TV sets, video
tape recorder, dimmers
• Remote control for steady and varying
intensity
• Light-reflection switches (max. 500 kHz)
• Sensor technology




Similar Part No. - F0118G

ManufacturerPart #DatasheetDescription
logo
Eichhoff Electronics,In...
F011 EICHHOFF-F011 Datasheet
165Kb / 4P
Funk-Entst철rfilter f체r 3 Phasen Radio-Interference Suppression Filters
F011-000 EICHHOFF-F011-000 Datasheet
96Kb / 2P
Funk-Entst철rfilter im ovalen oder rechteckigen Metallgeh채use
F011-032 EICHHOFF-F011-032 Datasheet
250Kb / 6P
Funk-Entst철rfilter im runden Metallgeh채use mit Gewindezapfen
F011-036 EICHHOFF-F011-036 Datasheet
250Kb / 6P
Funk-Entst철rfilter im runden Metallgeh채use mit Gewindezapfen
F011-051 EICHHOFF-F011-051 Datasheet
96Kb / 2P
Funk-Entst철rfilter im ovalen oder rechteckigen Metallgeh채use
More results


Similar Description - F0118G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CQY37N VISHAY-CQY37N_11 Datasheet
278Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
08-Mar-11
TSUS5200 VISHAY-TSUS5200_09 Datasheet
112Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
29-Jun-09
TSUS3400 VISHAY-TSUS3400 Datasheet
108Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
25-Aug-11
TSUS6202 VISHAY-TSUS6202 Datasheet
109Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
29-Sep-15
TSUS5200 VISHAY-TSUS5200_11 Datasheet
109Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
24-Aug-11
TSUS4300 VISHAY-TSUS4300_15 Datasheet
110Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
20-Oct-15
TSKS5400 VISHAY-TSKS5400_13 Datasheet
144Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
03-Sep-13
CQY37N VISHAY-CQY37N_V01 Datasheet
281Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
08-Mar-11
TSUS4400 VISHAY-TSUS4400_V01 Datasheet
113Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
19-Jan-2021
TSUS5402 VISHAY-TSUS5402_V01 Datasheet
118Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
18-Jan-2021
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com