Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F0118G Datasheet(PDF) 6 Page - OSRAM GmbH

Part # F0118G
Description  GaAs-Infrarot-Lumineszenzdiode (950 nm, Enhanced Power) GaAs Infrared Emitting Diode (950 nm, Enhanced Power)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

F0118G Datasheet(HTML) 6 Page - OSRAM GmbH

  F0118G Datasheet HTML 1Page - OSRAM GmbH F0118G Datasheet HTML 2Page - OSRAM GmbH F0118G Datasheet HTML 3Page - OSRAM GmbH F0118G Datasheet HTML 4Page - OSRAM GmbH F0118G Datasheet HTML 5Page - OSRAM GmbH F0118G Datasheet HTML 6Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
2003-04-10
6
F 0118G
Maßzeichnung
Chip Outlines
Maße werden als typische
1) Werte wie folgt angegeben: mm (inch) / Dimensions are specified as typical1) values as
follows: mm (inch).
Published by OSRAM Opto Semiconductors GmbH
Wernerwerkstrasse 2, D-93049 Regensburg
© All Rights Reserved.
Attention please!
The information generally describes the type of component and shall not be considered as assured characteristics or
detailed specification.
Terms of delivery and rights to change design reserved. Due to technical requirements components may contain
dangerous substances. For information on the types in question please contact our sales organization.
Handling and Storage Conditions:
The hermetically sealed shipment lot shall be opened under temperature and moisture controlled cleanroom
environment only. Customer has to follow the according rules for disposition of material that can be hazardous for
humans and environment.
Packing
Chips are placed on a blue foil, which is fixed in a yellow frame of 5” diameter.
For shipment the wafers of a shipment lot are arranged to stacks. The top and bottom of the stack is covered by a
dummy disk to protect the top and bottom wafer from damage. The whole package is fixed by rubber strings and
hermetically sealed in a plastic bag for storage and shipment. Please use the recycling operators known to you. We can
also help you – get in touch with your nearest sales office. By agreement we will take packing material back, if it is
sorted. You will have to bear the costs of transport. For packing material that is returned to us unsorted or which we are
not obliged to accept, we shall have to invoice you for any costs incurred.
Further Conditions:
If not otherwise arranged, the “General Conditions for the supply of products and services of the electrical and
electronics industry” apply for any shipment, just as the Supplier Addendum " Chip business" to the “General Conditions
for the supply of products and services of the electrical and electronics industry”. If this document is not familiar to you,
please request it at our nearest sales office.
Components used in life-support devices or systems must be expressly authorized by us for such purpose!
Critical components
2), may only be used in life-support devices or systems3) with the express written approval of
OSRAM OS.
1) Typical (refered to as typ.) data are defined as long-term production mean values and are only given for information.
This is not a specified value.
2)A critical component is a component used in a life-support device or system whose failure can reasonably be expected to
cause the failure of that life-support device or system, or to affect its safety or effectiveness of that device or system.
3)Life support devices or systems are intended (a) to be implanted in the human body, or (b) to support and/or maintain
and sustain human life. If they fail, it is reasonable to assume that the health of the user may be endangered.
GMOY6078
n-contact
p-contact



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com