Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F0118G Datasheet(PDF) 2 Page - OSRAM GmbH

Part # F0118G
Description  GaAs-Infrarot-Lumineszenzdiode (950 nm, Enhanced Power) GaAs Infrared Emitting Diode (950 nm, Enhanced Power)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

F0118G Datasheet(HTML) 2 Page - OSRAM GmbH

  F0118G Datasheet HTML 1Page - OSRAM GmbH F0118G Datasheet HTML 2Page - OSRAM GmbH F0118G Datasheet HTML 3Page - OSRAM GmbH F0118G Datasheet HTML 4Page - OSRAM GmbH F0118G Datasheet HTML 5Page - OSRAM GmbH F0118G Datasheet HTML 6Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2003-04-10
2
F 0118G
Elektrische Werte (
T
A = 25 °C)
Electrical values
1) (T
A = 25 °C)
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
2)
Einheit
Unit
min.
typ.
max.
Emissionswellenlänge
Peak wavelength
I
F = 10 mA
λ
peak
950
nm
Spektrale Bandbreite bei 50% von
I
max,
Spectral bandwidth at 50% of
I
max
I
F = 10 mA
∆λ
55
nm
Schaltzeiten, I
e von 10% auf 90% und von 90% auf
10%, bei
I
F = 100 mA, RL = 50 Ω
Switching times, I
e from 10% to 90% and from 90%
to 10%,
I
F = 100 mA, RL = 50 Ω
t
r, tf
0.5/0.4
µs
Sperrspannung
Reverse voltage
I
R = 1µA
V
R
5V
Durchla
βspannung
Forward voltage
I
F = 100 mA
V
F
1.4
1.6
V
Strahlungsleistung
Radiant Power
3)
I
F = 100 mA
Φ
e
12
mW
Photostrom (Spezifikationsparameter Helligkeit)
Photocurrent (specified parameter brightness)
I
F = 100 mA
I
e
0.65
a.u.
1)
Measurement limits describe actual settings and do not include measurement uncertainties. Each wafer and fragment
of a wafer is subject to final testing. The wafer or its pieces are individually attached on foils (rings). Sample chips are
picked from each foil and placed on a special carrier for measurement purposes. The sampling density is one chip per
2 cm². If a sample fails, the area around that sample is tested again by taking samples in fourfold density. If a sample
fails in that measurement, an area of 0,5 cm² around each failed sample is marked by pen. All el. values are referenced
to the vendor's measurement system (correlation to customer product(s) is required)
2)
Typical (refered to as typ.) data are defined as long-term production mean values and are only given for information.
This is not a specified value
3)
Radiant power is measured on TO-18 header in integrating sphere.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com