Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F0118G Datasheet(PDF) 5 Page - OSRAM GmbH

Part # F0118G
Description  GaAs-Infrarot-Lumineszenzdiode (950 nm, Enhanced Power) GaAs Infrared Emitting Diode (950 nm, Enhanced Power)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

F0118G Datasheet(HTML) 5 Page - OSRAM GmbH

  F0118G Datasheet HTML 1Page - OSRAM GmbH F0118G Datasheet HTML 2Page - OSRAM GmbH F0118G Datasheet HTML 3Page - OSRAM GmbH F0118G Datasheet HTML 4Page - OSRAM GmbH F0118G Datasheet HTML 5Page - OSRAM GmbH F0118G Datasheet HTML 6Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
F 0118G
2003-04-10
5
Relative Spectral Emission
1) I
Frel= f (λ)
T
A = 25 °C
Forward Current
1)
I
F= f (VF), Single pulse, tp = 20 µs, TA = 25 °C
1)
Based on typ.(see page 2, footnote 2 for explanation)
data measured in OSRAM Opto Semiconductor’s
TOPLED® package.
Radiant Intensity
1) I
e/Ie(100mA) = f (IF)
T
A = 25 °C, single pulse: tp = 20 µs
Permissible Pulse Power
1)
Duty cycle D = parameter, T
A = 25 °C
OHR01938
λ
rel
Ι
0
880
920
960
1000
nm
1060
20
40
60
80
%
100
10
OHR01554
F
V
-3
-2
10
-1
10
0
10
1
10
01
2
3
4
5
6
V
8
A
Ι
F
OHR01551
10 -3
Ι
F
-2
10
10 -1
10 0
10 1
10 2
Ι
e 100 mA
e
Ι
-2
10
-1
10
0
10
1
10
A
A
t
OHR00860
p
-5
10
10
2
Ι
F
10
3
10
4
5
DC
0.2
0.5
0.1
0.005
0.01
0.02
0.05
t p
T
Ι
F
t p
T
D =
5
mA
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
s
D =



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com