Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSA676 Datasheet (PDF) - OSRAM GmbH

LSA676 Datasheet PDF - OSRAM GmbH
Part # LSA676
Download  LSA676 Download
File Size   180.85 Kbytes
Page   14 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Hyper SIDELED Hyper-Bright LED

LSA676 Datasheet (PDF)

Go To PDF Page Download Datasheet
LSA676 Datasheet PDF - OSRAM GmbH

Part # LSA676
Download  LSA676 Click to download

File Size   180.85 Kbytes
Page   14 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Hyper SIDELED Hyper-Bright LED

LSA676 Datasheet (HTML) - OSRAM GmbH


LSA676 Product details

Features
• package: white SMT package, colorless clear resin
• feature of the device: radiation direction parallel to PCB, so an ideal LED for coupling in light guides
• wavelength: 633 nm (super-red), 615 nm (amber), 606 nm (orange), 587 nm (yellow)
• viewing angle: Lambertian Emitter (120°)
• technology: InGaAlP
• optical efficiency: 11 lm/W (yellow, orange, amber), 7 lm/W (super-red)
• grouping parameter: luminous intensity, wavelength
• assembly methods: suitable for all SMT assembly methods
• soldering methods: reflow soldering
• preconditioning: acc. to JEDEC Level 2
• taping: 12 mm tape with 2000/reel, ø330 mm
• ESD-withstand voltage: up to 2 kV acc. to JESD22-A114-D
• Superior Corrosion Robustness: details see page 9

Applications
• optical indicators
• coupling into light guides
• backlighting (LCD, switches, keys, displays, illuminated advertising, general lighting)
• interior automotive lighting. (e.g. dashboard backlighting, etc.)
• marker lights (e.g. steps, exit ways, etc.)
• signal and symbol luminaire




Similar Part No. - LSA676

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LSA676 OSRAM-LSA676 Datasheet
366Kb / 15P
Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LSA676 OSRAM-LSA676 Datasheet
185Kb / 13P
Hyper SIDELED
LSA676-P2S1-1 OSRAM-LSA676-P2S1-1 Datasheet
366Kb / 15P
Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LSA676-Q1R2-1 OSRAM-LSA676-Q1R2-1 Datasheet
366Kb / 15P
Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LSA676-R1S1-1 OSRAM-LSA676-R1S1-1 Datasheet
366Kb / 15P
Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
More results


Similar Description - LSA676

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LHA674 SIEMENS-LHA674 Datasheet
108Kb / 7P
SIDELED Super-Bright, Hyper-Red GaAIAs-LED
LSC876 SIEMENS-LSC876 Datasheet
319Kb / 6P
Hyper Mini SIDELED Hyper-Bright LED
LST676 SIEMENS-LST676 Datasheet
350Kb / 7P
Hyper TOPLED Hyper-Bright LED
logo
OSRAM GmbH
LBC876 OSRAM-LBC876 Datasheet
134Kb / 13P
BLUE LINE-TM HYPER MINI SIDELED HYPER-BRIGHT LED
LBT673 OSRAM-LBT673 Datasheet
188Kb / 15P
HYPER TOPLED, HYPER BRIGHT LED
LWY87S OSRAM-LWY87S Datasheet
157Kb / 14P
Micro SIDELED White Hyper-Bright LED
LSR976 OSRAM-LSR976 Datasheet
143Kb / 11P
Hyper CHIPLED Hyper-Bright LED
LOP476 OSRAM-LOP476 Datasheet
586Kb / 17P
Hyper PointLED Hyper-Bright LED
LYM676 OSRAM-LYM676 Datasheet
185Kb / 13P
Hyper SIDELED
LYE675 OSRAM-LYE675 Datasheet
139Kb / 14P
Hyper-Bright LED
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com