Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LYM676 Datasheet (PDF) - OSRAM GmbH

LYM676 Datasheet PDF - OSRAM GmbH
Part # LYM676
Download  LYM676 Download
File Size   185.43 Kbytes
Page   13 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Hyper SIDELED

LYM676 Datasheet (PDF)

Go To PDF Page Download Datasheet
LYM676 Datasheet PDF - OSRAM GmbH

Part # LYM676
Download  LYM676 Click to download

File Size   185.43 Kbytes
Page   13 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Hyper SIDELED

LYM676 Datasheet (HTML) - OSRAM GmbH


LYM676 Product details

Features:
• Package: white SMT package, colorless clear resin
• Technology: InGaAlP
• Viewing angle at 50 % IV: 120° (Lambertian Emitter)
• Color: yellow (587 nm)
• Corrosion Robustness: Improved corrosion robustness

Applications
• Optical Indicator
• Coupling into Light Guides
• Backlighting
• Automotive Interior Lighting




Similar Part No. - LYM676

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LYM676-NR SIEMENS-LYM676-NR Datasheet
87Kb / 7P
Hyper Mini TOPLED Hyper-Bright LED
LYM676-P SIEMENS-LYM676-P Datasheet
87Kb / 7P
Hyper Mini TOPLED Hyper-Bright LED
LYM676-PS SIEMENS-LYM676-PS Datasheet
87Kb / 7P
Hyper Mini TOPLED Hyper-Bright LED
LYM676-Q SIEMENS-LYM676-Q Datasheet
87Kb / 7P
Hyper Mini TOPLED Hyper-Bright LED
logo
OSRAM GmbH
LYM676-Q2T1-26 OSRAM-LYM676-Q2T1-26 Datasheet
506Kb / 20P
white SMT package
More results


Similar Description - LYM676

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LHA674 SIEMENS-LHA674 Datasheet
108Kb / 7P
SIDELED Super-Bright, Hyper-Red GaAIAs-LED
LSC876 SIEMENS-LSC876 Datasheet
319Kb / 6P
Hyper Mini SIDELED Hyper-Bright LED
logo
OSRAM GmbH
LBC876 OSRAM-LBC876 Datasheet
134Kb / 13P
BLUE LINE-TM HYPER MINI SIDELED HYPER-BRIGHT LED
LWY87S OSRAM-LWY87S Datasheet
157Kb / 14P
Micro SIDELED White Hyper-Bright LED
LSA676 OSRAM-LSA676 Datasheet
180Kb / 14P
Hyper SIDELED Hyper-Bright LED
LGA67K OSRAM-LGA67K Datasheet
236Kb / 15P
Hyper SIDELED Hyper-Bright Low Current LED Lead (Pb) Free Product - RoHS Compliant
LS-A676-P2S1-1-Z OSRAM-LS-A676-P2S1-1-Z Datasheet
448Kb / 19P
SIDELED
LTA673 OSRAM-LTA673 Datasheet
588Kb / 21P
SIDELED
LTA67C OSRAM-LTA67C Datasheet
582Kb / 21P
SIDELED
SFH-325 OSRAM-SFH-325 Datasheet
401Kb / 15P
SIDELED
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com