Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAA2000G Datasheet (PDF) - Tyco Electronics

MAAA2000G Datasheet PDF - Tyco Electronics
Part # MAAA2000G
Download  MAAA2000G Download
File Size   65.08 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description GaAs MMIC Voltage Variable Absorptive Attenuator DC - 12 GHz

MAAA2000G Datasheet (PDF)

Go To PDF Page Download Datasheet
MAAA2000G Datasheet PDF - Tyco Electronics

Part # MAAA2000G
Download  MAAA2000G Click to download

File Size   65.08 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description GaAs MMIC Voltage Variable Absorptive Attenuator DC - 12 GHz

MAAA2000G Datasheet (HTML) - Tyco Electronics




Similar Part No. - MAAA2000G

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAA2000G MA-COM-MAAA2000G Datasheet
61Kb / 3P
GaAs MMIC Voltage Variable Absorptive Attenuator DC - 12 GHz
MAAA2000G MA-COM-MAAA2000G Datasheet
58Kb / 3P
GaAs MMIC Voltage Variable Absorptive Attenuator
MAAA2000G MA-COM-MAAA2000G_15 Datasheet
483Kb / 4P
GaAs MMIC Voltage Variable Absorptive Attenuator
More results


Similar Description - MAAA2000G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HMC346LC3B ETC1-HMC346LC3B Datasheet
360Kb / 6P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 18 GHz
logo
Tyco Electronics
AT-250 MACOM-AT-250_1 Datasheet
162Kb / 3P
Voltage Variable Absorptive Attenuator 12 dB, DC-2.0 GHz
AT-259 MACOM-AT-259_1 Datasheet
169Kb / 3P
Voltage Variable Absorptive Attenuator 12 dB, DC-2.0 GHz
logo
M/A-COM Technology Solu...
AT-250 MA-COM-AT-250 Datasheet
69Kb / 3P
Voltage Variable Absorptive Attenuator 12 dB, DC - 2.0 GHz
AT-259 MA-COM-AT-259 Datasheet
71Kb / 3P
Voltage Variable Absorptive Attenuator 12 dB, DC - 2.0 GHz
MAAA2000G MA-COM-MAAA2000G Datasheet
61Kb / 3P
GaAs MMIC Voltage Variable Absorptive Attenuator DC - 12 GHz
MAAA2000G MA-COM-MAAA2000G Datasheet
58Kb / 3P
GaAs MMIC Voltage Variable Absorptive Attenuator
MAAA2000G MA-COM-MAAA2000G_15 Datasheet
483Kb / 4P
GaAs MMIC Voltage Variable Absorptive Attenuator
logo
Analog Devices
HMC346ALC3B AD-HMC346ALC3B Datasheet
918Kb / 4P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 18 GHz
HMC346ALP3 AD-HMC346ALP3 Datasheet
903Kb / 4P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 14 GHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com