Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAA2000G Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MAAA2000G Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MAAA2000G
Download  MAAA2000G Download
File Size   61.18 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs MMIC Voltage Variable Absorptive Attenuator DC - 12 GHz

MAAA2000G Datasheet (PDF)

Go To PDF Page Download Datasheet
MAAA2000G Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MAAA2000G
Download  MAAA2000G Click to download

File Size   61.18 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs MMIC Voltage Variable Absorptive Attenuator DC - 12 GHz

MAAA2000G Datasheet (HTML) - M/A-COM Technology Solutions, Inc.




Similar Part No. - MAAA2000G

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAA2000G MACOM-MAAA2000G Datasheet
65Kb / 3P
GaAs MMIC Voltage Variable Absorptive Attenuator DC - 12 GHz
logo
M/A-COM Technology Solu...
MAAA2000G MA-COM-MAAA2000G Datasheet
58Kb / 3P
GaAs MMIC Voltage Variable Absorptive Attenuator
MAAA2000G MA-COM-MAAA2000G_15 Datasheet
483Kb / 4P
GaAs MMIC Voltage Variable Absorptive Attenuator
More results


Similar Description - MAAA2000G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HMC346LC3B ETC1-HMC346LC3B Datasheet
360Kb / 6P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 18 GHz
logo
Tyco Electronics
AT-250 MACOM-AT-250_1 Datasheet
162Kb / 3P
Voltage Variable Absorptive Attenuator 12 dB, DC-2.0 GHz
AT-259 MACOM-AT-259_1 Datasheet
169Kb / 3P
Voltage Variable Absorptive Attenuator 12 dB, DC-2.0 GHz
MAAA2000G MACOM-MAAA2000G Datasheet
65Kb / 3P
GaAs MMIC Voltage Variable Absorptive Attenuator DC - 12 GHz
logo
M/A-COM Technology Solu...
AT-250 MA-COM-AT-250 Datasheet
69Kb / 3P
Voltage Variable Absorptive Attenuator 12 dB, DC - 2.0 GHz
AT-259 MA-COM-AT-259 Datasheet
71Kb / 3P
Voltage Variable Absorptive Attenuator 12 dB, DC - 2.0 GHz
MAAA2000G MA-COM-MAAA2000G Datasheet
58Kb / 3P
GaAs MMIC Voltage Variable Absorptive Attenuator
MAAA2000G MA-COM-MAAA2000G_15 Datasheet
483Kb / 4P
GaAs MMIC Voltage Variable Absorptive Attenuator
logo
Analog Devices
HMC346ALC3B AD-HMC346ALC3B Datasheet
918Kb / 4P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 18 GHz
HMC346ALP3 AD-HMC346ALP3 Datasheet
903Kb / 4P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 14 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com