Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAA2000G Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAAA2000G
Description  GaAs MMIC Voltage Variable Absorptive Attenuator DC - 12 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAA2000G Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAAA2000G Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAA2000G Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAA2000G Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
GaAs MMIC Voltage Variable Absorptive Attenuator
DC - 12 GHz
Rev. V4
MAAA2000G
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
 Single or Dual Bias Control
 Easily Cascadable
 Small Size
 Attenuation Flatness DC - 12 GHz ± 0.2 dB
 Low Control Current Consumption
 Low Phase Shift
 Up to 20 dB Matched Attenuation with Dual Bias
 RoHS* Compliant
Description
The MAAA2000G is a broadband GaAs MESFET
MMIC voltage variable absorptive attenuator. Typical
applications
are
for
WLAN
IEEE
802.11a+b/g,
WiMAX IEEE 802.16, and MIMO. Other applications
include test equipment requiring ultra fast switching
speed.
The MAAA2000G is fabricated using a 1.0 micro gate
length GaAs MESFET process. The process features
full chip passivation for increased performance and
reliability.
Functional Schematic
Ordering Information
Part Number
Package
MAAA2000G
DIE
1
Electrical Specifications: 0/-5 Vdc, 50
, -55°C to +85°C
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
2
DC - 1.0 GHz
DC - 2.0 GHz
DC - 12.0 GHz
dB
—
—
—
—
—
—
1.2
1.4
1.5
VSWR
DC - 1.0 GHz
DC - 2.0 GHz
DC - 12.0 GHz
Ratio
—
—
—
—
—
—
1.5:1
1.5:1
1.8:1
Relative Attenuation
(Matched)
(Reflective)
(Matched)
DC - 2.0 GHz
DC - 2.0 GHz
2.0 - 12.0 GHz
dB
23
40
12
—
—
—
—
—
—
Trise, Tfall
10% to 90% RF, 90% to 10% RF
ns
—
7
—
Ton, Toff
50% Control to 90% RF, 50% Control to 10% RF
ns
—
10
—
Transients
In-band
mV
—
20
—
Input 1 dB Compression
0.5 - 4.0 GHz
dBm
—
15
—
VIN Low
0 to -0.2 V
µA
—
—
9
VIN High
-5 V
µA
—
50
100
*Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
1. Die quantity varies.
2. Loss changes 0.00025 dB/°C (-55°C to +85°C.)


Similar Part No. - MAAA2000G

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAA2000G MACOM-MAAA2000G Datasheet
65Kb / 3P
GaAs MMIC Voltage Variable Absorptive Attenuator DC - 12 GHz
logo
M/A-COM Technology Solu...
MAAA2000G MA-COM-MAAA2000G Datasheet
58Kb / 3P
GaAs MMIC Voltage Variable Absorptive Attenuator
MAAA2000G MA-COM-MAAA2000G_15 Datasheet
483Kb / 4P
GaAs MMIC Voltage Variable Absorptive Attenuator
More results

Similar Description - MAAA2000G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HMC346LC3B ETC1-HMC346LC3B Datasheet
360Kb / 6P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 18 GHz
logo
Tyco Electronics
AT-250 MACOM-AT-250_1 Datasheet
162Kb / 3P
Voltage Variable Absorptive Attenuator 12 dB, DC-2.0 GHz
AT-259 MACOM-AT-259_1 Datasheet
169Kb / 3P
Voltage Variable Absorptive Attenuator 12 dB, DC-2.0 GHz
MAAA2000G MACOM-MAAA2000G Datasheet
65Kb / 3P
GaAs MMIC Voltage Variable Absorptive Attenuator DC - 12 GHz
logo
M/A-COM Technology Solu...
AT-250 MA-COM-AT-250 Datasheet
69Kb / 3P
Voltage Variable Absorptive Attenuator 12 dB, DC - 2.0 GHz
AT-259 MA-COM-AT-259 Datasheet
71Kb / 3P
Voltage Variable Absorptive Attenuator 12 dB, DC - 2.0 GHz
MAAA2000G MA-COM-MAAA2000G Datasheet
58Kb / 3P
GaAs MMIC Voltage Variable Absorptive Attenuator
MAAA2000G MA-COM-MAAA2000G_15 Datasheet
483Kb / 4P
GaAs MMIC Voltage Variable Absorptive Attenuator
logo
Analog Devices
HMC346ALC3B AD-HMC346ALC3B Datasheet
918Kb / 4P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 18 GHz
HMC346ALP3 AD-HMC346ALP3 Datasheet
903Kb / 4P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 14 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com