Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAMSS0005 Datasheet (PDF) - Tyco Electronics

MAAMSS0005 Datasheet PDF - Tyco Electronics
Part # MAAMSS0005
Download  MAAMSS0005 Download
File Size   153.26 Kbytes
Page   5 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description LO Buffer Amplifier 900 - 2000 MHz

MAAMSS0005 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAAMSS0005 Datasheet PDF - Tyco Electronics

Part # MAAMSS0005
Download  MAAMSS0005 Click to download

File Size   153.26 Kbytes
Page   5 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description LO Buffer Amplifier 900 - 2000 MHz

MAAMSS0005 Datasheet (HTML) - Tyco Electronics




Similar Part No. - MAAMSS0005

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAMSS0001 MACOM-MAAMSS0001 Datasheet
279Kb / 5P
Low Noise CATV Amplifier 50 - 870 MHz
logo
M/A-COM Technology Solu...
MAAMSS0001 MA-COM-MAAMSS0001 Datasheet
106Kb / 4P
Low Noise CATV Amplifier 50 - 870 MHz
logo
Tyco Electronics
MAAMSS00014SMB-01 MACOM-MAAMSS00014SMB-01 Datasheet
240Kb / 5P
Broadband Driver Amplifier 500 - 2400 MHz
logo
M/A-COM Technology Solu...
MAAMSS00014SMB-01 MA-COM-MAAMSS00014SMB-01 Datasheet
143Kb / 6P
Broadband Driver Amplifier 500 - 2400 MHz
logo
Tyco Electronics
MAAMSS00014SMB-02 MACOM-MAAMSS00014SMB-02 Datasheet
240Kb / 5P
Broadband Driver Amplifier 500 - 2400 MHz
More results


Similar Description - MAAMSS0005

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB7102 STMICROELECTRONICS-STB7102 Datasheet
99Kb / 9P
0.5/2.5 GHz UHF LO BUFFER AMPLIFIER
25-Feb-2002
logo
Synaptics Incorporated.
RF106 CONEXANT-RF106 Datasheet
64Kb / 6P
RF106 900 MHz Power Amplifier
logo
Toshiba Semiconductor
2SK3077 TOSHIBA-2SK3077 Datasheet
111Kb / 4P
900 MHz BAND AMPLIFIER APPLICATIONS
logo
Tyco Electronics
MAAM-007217 MACOM-MAAM-007217 Datasheet
142Kb / 4P
LO Buffer Amplifier 900 - 2000 MHz
logo
List of Unclassifed Man...
A-126 ETC2-A-126 Datasheet
185Kb / 2P
SINGLE STAGE LO BUFFER-AMPLIFIER
logo
Analog Devices
ADL5355 AD-ADL5355 Datasheet
591Kb / 24P
1200 MHz to 2500 MHz Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
REV. 0
ADL5357 AD-ADL5357 Datasheet
593Kb / 24P
500 MHz to 1700 MHz Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
REV. 0
logo
M/A-COM Technology Solu...
XR1011-QH MA-COM-XR1011-QH_16 Datasheet
871Kb / 8P
Integrated LNA, Mixer and LO Buffer Amplifier
XR1015-QH MA-COM-XR1015-QH_16 Datasheet
1Mb / 10P
Integrated LNA, Mixer and LO Buffer Amplifier
XR1020-QH MA-COM-XR1020-QH Datasheet
795Kb / 7P
Integrated LNA, Mixer and LO Buffer Amplifier
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com