Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF106 Datasheet (PDF) - Synaptics Incorporated.

RF106 Datasheet PDF - Synaptics Incorporated.
Part # RF106
Download  RF106 Download
File Size   64.91 Kbytes
Page   6 Pages
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.
Description RF106 900 MHz Power Amplifier

RF106 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF106 Datasheet PDF - Synaptics Incorporated.

Part # RF106
Download  RF106 Click to download

File Size   64.91 Kbytes
Page   6 Pages
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.
Description RF106 900 MHz Power Amplifier

RF106 Datasheet (HTML) - Synaptics Incorporated.


RF106 Product details

Product Description
The RF106 is a class AB RF power amplifier for 900 MHz ISM band applications. It delivers output power proportional to the input signal power.

Features
• Class AB-type RF power amplifier
• 100 mW peak envelope output power
• Very fast settling from standby mode to active mode
• Efficient high output power operation
• Very few external components required
• 20-pin TSSOP package

Applications
• diSSTance-technology cordless telephone
• Direct sequence spread spectrum systems
• Frequency hopping spread spectrum systems
• Wireless LANs
• Wireless modems
• Wireless security
• Inventory control systems




Similar Part No. - RF106

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
RF10 EXTECH-RF10 Datasheet
55Kb / 1P
Brix Refractometers
logo
Mersen
RF10/RL10 MERSEN-RF10/RL10 Datasheet
106Kb / 2P
TRADITIONAL PROTECTION FOR CIRCUITS WITH LESS THAN 10,000A
logo
Willow Technologies Ltd
RF100 WILLOW-RF100 Datasheet
868Kb / 2P
Series, High Frequency Power Resistors Thick film,Non-Inductive
logo
Teledyne Technologies I...
RF100-12 TELEDYNE-RF100-12 Datasheet
97Kb / 4P
HIGH REPEATABILITY ULTRAMINIATURE CENTIGRID RELAY BROADBAND DC TO RF
RF100-5 TELEDYNE-RF100-5 Datasheet
97Kb / 4P
HIGH REPEATABILITY ULTRAMINIATURE CENTIGRID RELAY BROADBAND DC TO RF
More results


Similar Description - RF106

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC0912 MOTOROLA-MRFIC0912 Datasheet
120Kb / 6P
900 MHz GaAs INTEGRATED POWER AMPLIFIER
logo
Ericsson
PBL40310 ERICSSON-PBL40310 Datasheet
64Kb / 4P
3.5 V GSM 900 MHz Power Amplifier
logo
Toshiba Semiconductor
2SK3077 TOSHIBA-2SK3077 Datasheet
111Kb / 4P
900 MHz BAND AMPLIFIER APPLICATIONS
logo
Tyco Electronics
MAAM-007217 MACOM-MAAM-007217 Datasheet
142Kb / 4P
LO Buffer Amplifier 900 - 2000 MHz
logo
IC MICROSYSTEMS
ICL2001-23 ICMIC-ICL2001-23 Datasheet
913Kb / 6P
800 - 900 MHz LOW NOISE AMPLIFIER
logo
Stealth Microwave, Inc.
SM08590-45LD STEALTH_MICROWAVE-SM08590-45LD Datasheet
221Kb / 3P
850-900 MHz 30 Watt Linear Power Amplifier
SM08790-47 STEALTH_MICROWAVE-SM08790-47 Datasheet
176Kb / 3P
869-900 MHz 50 Watt Linear Power Amplifier
SM08790-51LD STEALTH_MICROWAVE-SM08790-51LD Datasheet
153Kb / 3P
870 - 900 MHz 120 Watt Power Amplifier
SM09093-51LD STEALTH_MICROWAVE-SM09093-51LD Datasheet
150Kb / 3P
900 - 930 MHz 120 Watt Power Amplifier
logo
Texas Instruments
THS3491 TI1-THS3491 Datasheet
838Kb / 28P
900-MHz, High-Power Output, Current Feedback Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com