Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL2001-23 Datasheet (PDF) - IC MICROSYSTEMS

ICL2001-23 Datasheet PDF - IC MICROSYSTEMS
Part # ICL2001-23
Download  ICL2001-23 Download
File Size   913.67 Kbytes
Page   6 Pages
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS
Description 800 - 900 MHz LOW NOISE AMPLIFIER

ICL2001-23 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICL2001-23 Datasheet PDF - IC MICROSYSTEMS

Part # ICL2001-23
Download  ICL2001-23 Click to download

File Size   913.67 Kbytes
Page   6 Pages
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS
Description 800 - 900 MHz LOW NOISE AMPLIFIER

ICL2001-23 Datasheet (HTML) - IC MICROSYSTEMS


ICL2001-23 Product details

OVERVIEW
The ICL series of Low Noise Amplifiers are general purpose, high performance LNAs designed for operation from 3V supply. The amplifiers housed in a low-cost surface mountable package provide a high output intercept point, high gain and low noise figure and require an external bias resistor for setting the bias current.

FEATURES
• +15.2 dB Gain
• -10 dBm Input IP3
• +3V Single Voltage Supply
• Low Current Consumption: 6mA

APPLICATIONS
• IF or RF Buffer Amplifier
• Driver/Pre-Driver for CATV/SAT TV Amplifier
• ISM Band Transceivers - WLAN - IEEE 802.11, Bluetooth
• GSM/CDMA Receivers




Similar Part No. - ICL2001-23

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL232 INTERSIL-ICL232 Datasheet
139Kb / 6P
5V Powered, Dual RS-232 Transmitter/Receiver
June 2001
logo
Harris Corporation
ICL232 HARRIS-ICL232 Datasheet
41Kb / 5P
5V Powered, Dual RS-232 Transmitter/Receiver
logo
Intersil Corporation
ICL232 INTERSIL-ICL232 Datasheet
210Kb / 7P
5V Powered, Dual RS-232 Transmitter/Receiver
July 28, 2005
logo
Renesas Technology Corp
ICL232 RENESAS-ICL232 Datasheet
451Kb / 8P
5V Powered, Dual RS-232 Transmitter/Receiver
logo
Intersil Corporation
ICL232CBE INTERSIL-ICL232CBE Datasheet
139Kb / 6P
5V Powered, Dual RS-232 Transmitter/Receiver
June 2001
More results


Similar Description - ICL2001-23

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM55-0016 MACOM-AM55-0016 Datasheet
92Kb / 4P
Switched Low Noise Amplifier 800 - 1000 MHz
logo
Mini-Circuits
TO-0812LN MINI-TO-0812LN Datasheet
69Kb / 1P
Plug-In Low Noise Amplifier 800 to 1200 MHz
logo
NEC
UPC2748T NEC-UPC2748T Datasheet
49Kb / 5P
3 V, 900 MHz LOW NOISE SI MMIC AMPLIFIER
logo
NXP Semiconductors
BGA2011 PHILIPS-BGA2011 Datasheet
83Kb / 12P
900 MHz high linear low noise amplifier
2000 Dec 04
logo
Tyco Electronics
AM55-0016 MACOM-AM55-0016_1 Datasheet
270Kb / 6P
Switched Low Noise Amplifier 800 - 1000 MHz
logo
M/A-COM Technology Solu...
AM55-0016 MA-COM-AM55-0016 Datasheet
223Kb / 6P
Switched Low Noise Amplifier 800 - 1000 MHz
MAAL-008091 MA-COM-MAAL-008091 Datasheet
169Kb / 5P
High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
logo
ATMEL Corporation
AT86RF212 ATMEL-AT86RF212_1 Datasheet
1Mb / 171P
Low Power 700/800/900 MHz
logo
Teledyne Technologies I...
AC885 TELEDYNE-AC885 Datasheet
172Kb / 2P
800 TO 900 MHz TO-8 CASCADABLE AMPLIFIER
AC986 TELEDYNE-AC986 Datasheet
174Kb / 2P
800 TO 900 MHz TO-8 CASCADABLE AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com