Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM55-0016 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

AM55-0016 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # AM55-0016
Download  AM55-0016 Download
File Size   223.36 Kbytes
Page   6 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Switched Low Noise Amplifier 800 - 1000 MHz

AM55-0016 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM55-0016 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # AM55-0016
Download  AM55-0016 Click to download

File Size   223.36 Kbytes
Page   6 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Switched Low Noise Amplifier 800 - 1000 MHz

AM55-0016 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


AM55-0016 Product details

Description
M/A-COM’s AM55-0016 is a high dynamic range, switchable low noise amplifier in a low cost, MSOP 8-lead, surface mount, plastic package. The design utilizes a patented switching technique to provide a low insertion loss, high input IP3 bypass state in parallel with the high gain, low noise state.

Features
• High Gain State:
   -Gain: 16 dB, Noise Figure: 1.6 dB
   -Input IP3: +3 dBm (@2.7V, 25 mA)
• Low Gain State:
   -Insertion Loss: 5 dB, Input IP3: +24 dBm
• Single Supply: +2.7 to +5 VDC
• Low Cost MSOP-8 Plastic Package
• Adjustable current: 10 to 30 mA with external resistor




Similar Part No. - AM55-0016

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM55-0016 MACOM-AM55-0016 Datasheet
92Kb / 4P
Switched Low Noise Amplifier 800 - 1000 MHz
AM55-0016 MACOM-AM55-0016 Datasheet
270Kb / 6P
Switched Low Noise Amplifier 800 - 1000 MHz
AM55-0016RTR MACOM-AM55-0016RTR Datasheet
92Kb / 4P
Switched Low Noise Amplifier 800 - 1000 MHz
AM55-0016SMB MACOM-AM55-0016SMB Datasheet
92Kb / 4P
Switched Low Noise Amplifier 800 - 1000 MHz
AM55-0016SMB MACOM-AM55-0016SMB Datasheet
270Kb / 6P
Switched Low Noise Amplifier 800 - 1000 MHz
More results


Similar Description - AM55-0016

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM50-0003 MACOM-AM50-0003 Datasheet
318Kb / 4P
High Dynamic Range Low Noise Amplifier 800-1000 MHz
AM55-0016 MACOM-AM55-0016 Datasheet
92Kb / 4P
Switched Low Noise Amplifier 800 - 1000 MHz
PA1215 MACOM-PA1215 Datasheet
50Kb / 2P
800-1000 MHz. Low Noise High Dynamic Range Linear Amplifier
PA1217 MACOM-PA1217 Datasheet
46Kb / 2P
800-1000 MHz. Low Noise High Dynamic Range Linear Amplifier
PA1220 MACOM-PA1220 Datasheet
49Kb / 2P
800-1000 MHz. Low Noise High Dynamic Range Linear Amplifier
logo
List of Unclassifed Man...
SGL-0163 ETC-SGL-0163 Datasheet
211Kb / 6P
800-1000 MHZ LOW NOISE AMPLIFIER 50 OHM SILICON GERMANIUM
logo
Tyco Electronics
MAAL-008091 MACOM-MAAL-008091 Datasheet
191Kb / 5P
High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
AM55-0016 MACOM-AM55-0016_1 Datasheet
270Kb / 6P
Switched Low Noise Amplifier 800 - 1000 MHz
logo
M/A-COM Technology Solu...
AM50-0003 MA-COM-AM50-0003 Datasheet
211Kb / 5P
High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
MAAL-008091 MA-COM-MAAL-008091 Datasheet
169Kb / 5P
High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com