Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM55-0016 Datasheet (PDF) - Tyco Electronics

AM55-0016 Datasheet PDF - Tyco Electronics
Part # AM55-0016
Download  AM55-0016 Download
File Size   92.93 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Switched Low Noise Amplifier 800 - 1000 MHz

AM55-0016 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM55-0016 Datasheet PDF - Tyco Electronics

Part # AM55-0016
Download  AM55-0016 Click to download

File Size   92.93 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Switched Low Noise Amplifier 800 - 1000 MHz

AM55-0016 Datasheet (HTML) - Tyco Electronics


AM55-0016 Product details

Description
M/A-COM’s AM55-0016 is a high dynamic range, switchable low noise amplifier in a low cost, MSOP 8-lead, surface mount, plastic package. The design utilizes a patented switching technique to provide a low insertion loss, high input IP3 bypass state in parallel with the high gain, low noise state. The LNA employs external input matching to obtain optimum noise figure performance and operating frequency flexibility. The AM55-0016 also features flexible biasing to control the current consumption vs. dynamic range trade-off. Its current can be controlled over a range of 10 mA to 30 mA with an external resistor.

Features
• High Gain State:
   - Gain: 16dB, Noise Figure: 1.6dB
   - Input IP3: +3dBm (@2.7V, 25mA)
• Low Gain State:
   - Insertion Loss: 5dB, Input IP3: +24dBm
• Single Supply: +2.7 to +5 VDC
• Low Cost MSOP-8 Plastic Package
• Adjustable current: 10 to 30 mA with external resistor




Similar Part No. - AM55-0016

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM55-0016 MACOM-AM55-0016 Datasheet
270Kb / 6P
Switched Low Noise Amplifier 800 - 1000 MHz
logo
M/A-COM Technology Solu...
AM55-0016 MA-COM-AM55-0016 Datasheet
223Kb / 6P
Switched Low Noise Amplifier 800 - 1000 MHz
logo
Tyco Electronics
AM55-0016SMB MACOM-AM55-0016SMB Datasheet
270Kb / 6P
Switched Low Noise Amplifier 800 - 1000 MHz
logo
M/A-COM Technology Solu...
AM55-0016SMB MA-COM-AM55-0016SMB Datasheet
223Kb / 6P
Switched Low Noise Amplifier 800 - 1000 MHz
logo
Tyco Electronics
AM55-0016TR MACOM-AM55-0016TR Datasheet
270Kb / 6P
Switched Low Noise Amplifier 800 - 1000 MHz
More results


Similar Description - AM55-0016

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM50-0003 MACOM-AM50-0003 Datasheet
318Kb / 4P
High Dynamic Range Low Noise Amplifier 800-1000 MHz
PA1215 MACOM-PA1215 Datasheet
50Kb / 2P
800-1000 MHz. Low Noise High Dynamic Range Linear Amplifier
PA1217 MACOM-PA1217 Datasheet
46Kb / 2P
800-1000 MHz. Low Noise High Dynamic Range Linear Amplifier
PA1220 MACOM-PA1220 Datasheet
49Kb / 2P
800-1000 MHz. Low Noise High Dynamic Range Linear Amplifier
logo
List of Unclassifed Man...
SGL-0163 ETC-SGL-0163 Datasheet
211Kb / 6P
800-1000 MHZ LOW NOISE AMPLIFIER 50 OHM SILICON GERMANIUM
logo
Tyco Electronics
MAAL-008091 MACOM-MAAL-008091 Datasheet
191Kb / 5P
High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
AM55-0016 MACOM-AM55-0016_1 Datasheet
270Kb / 6P
Switched Low Noise Amplifier 800 - 1000 MHz
logo
M/A-COM Technology Solu...
AM50-0003 MA-COM-AM50-0003 Datasheet
211Kb / 5P
High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
AM55-0016 MA-COM-AM55-0016 Datasheet
223Kb / 6P
Switched Low Noise Amplifier 800 - 1000 MHz
MAAL-008091 MA-COM-MAAL-008091 Datasheet
169Kb / 5P
High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com