Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBL40310 Datasheet (PDF) - Ericsson

PBL40310 Datasheet PDF - Ericsson
Part # PBL40310
Download  PBL40310 Download
File Size   64.98 Kbytes
Page   4 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description 3.5 V GSM 900 MHz Power Amplifier

PBL40310 Datasheet (PDF)

Go To PDF Page Download Datasheet
PBL40310 Datasheet PDF - Ericsson

Part # PBL40310
Download  PBL40310 Click to download

File Size   64.98 Kbytes
Page   4 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description 3.5 V GSM 900 MHz Power Amplifier

PBL40310 Datasheet (HTML) - Ericsson


PBL40310 Product details

Description.
The PBL 40310 is a highly integrated single-ended silicon MMIC power amplifier intended for use in GSM terminals. It delivers 35 dBm at 900 MHz with 55 % power added efficiency into a 50 Ω unbalanced load using a single 3.5 V supply.

Key features.
• 2.7 to 5.0 V single supply operation
• 35 dBm output power at 3.5 V
• 55 % Power Added Efficiency
• Input matched to 50 Ω
• Complete on chip input and interstage matching
• Analog power control
• Less than 10 µA current consumption in power down mode
• Proven RF Silicon Technology Reliability
• Minimum number of external components for low overall solution cost




Similar Part No. - PBL40310

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PBL403 DIODES-PBL403 Datasheet
67Kb / 2P
4.0A BRIDGE RECTIFIER
DS21305 Rev. E-3
logo
Compact Technology Corp...
PBL403 CTC-PBL403 Datasheet
48Kb / 2P
SILICON BRIDGE RECTIFIERS
PBL403 CTC-PBL403 Datasheet
132Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Ericsson
PBL40305 ERICSSON-PBL40305 Datasheet
97Kb / 7P
Multiband GSM Power Amplifier
PBL40307 ERICSSON-PBL40307 Datasheet
225Kb / 4P
GSM Dual Band Tx_VCO
More results


Similar Description - PBL40310

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC0913 MOTOROLA-MRFIC0913 Datasheet
140Kb / 8P
900 MHz GSM CELLULAR INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC0917 MOTOROLA-MRFIC0917 Datasheet
168Kb / 10P
900 MHz GSM CELLULAR INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
logo
Synaptics Incorporated.
RF106 CONEXANT-RF106 Datasheet
64Kb / 6P
RF106 900 MHz Power Amplifier
logo
Freescale Semiconductor...
MMM5063 FREESCALE-MMM5063 Datasheet
578Kb / 20P
Tri-Band GSM GPRS 3.5 V Power Amplifier
logo
Toshiba Semiconductor
2SK3078 TOSHIBA-2SK3078 Datasheet
172Kb / 3P
900 MHz BAND AMPLIFIER APPLICATIONS (GSM)
logo
Freescale Semiconductor...
MMM5062 FREESCALE-MMM5062 Datasheet
1Mb / 22P
Quad-Band GSM GPRS 3.5 V Power Amplifier
logo
World Produts Inc.
WPANT30044-RA WPI-WPANT30044-RA Datasheet
71Kb / 2P
900 MHz GSM Unipolarized Directional Antenna
WPANT30046-RA WPI-WPANT30046-RA Datasheet
161Kb / 2P
900 MHz GSM Corner Antenna
WPANT30044-RA WPI-WPANT30044-RA_15 Datasheet
66Kb / 2P
900 MHz GSM Unipolarized Directional Antenna
logo
WALSIN TECHNOLOGY CORPO...
RFBLN16080G9D3T WALSIN-RFBLN16080G9D3T Datasheet
633Kb / 7P
900 MHz GSM Band RF Application
More results




About Ericsson


Ericsson is a Swedish multinational telecommunications company that was founded in 1876. The company is one of the world's leading providers of communications technology and services, and has a significant presence in the mobile and fixed network infrastructure markets.

Ericsson provides a wide range of products and services for mobile and fixed networks, including equipment for wireless and wired communication, IP networking, and cloud services. The company also offers software and services for network and business operations, as well as consulting, training, and managed services.

Ericsson is at the forefront of 5G technology and is heavily involved in the development and deployment of 5G networks around the world. The company is also working on developing new technologies for the Internet of Things (IoT) and is a leader in the development of network automation and artificial intelligence (AI) solutions.

Ericsson operates in more than 180 countries and has a strong global presence, with R&D centers located in several countries, including Sweden, China, and the United States.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com