Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBL40310 Datasheet(PDF) 3 Page - Ericsson

Part # PBL40310
Description  3.5 V GSM 900 MHz Power Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PBL40310 Datasheet(HTML) 3 Page - Ericsson

  PBL40310 Datasheet HTML 1Page - Ericsson PBL40310 Datasheet HTML 2Page - Ericsson PBL40310 Datasheet HTML 3Page - Ericsson PBL40310 Datasheet HTML 4Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
PBL 403 10
Figure 3. Pin configuration.
Pin Descriptions:
Refer to pin configuration.
SO
Name
Function
SO
Name
Function
1
Vcc
Supply voltage
9
GND
Common ground
2
Vcc
Supply voltage
10
GND
Common ground
3
GND
Common ground
11
GND
Common ground
4
RFin
RF input
12
RFout
RF output
5
GND
Common ground
13
RFout
RF output
6
TX-ON
Transmit ON
14
GND
Common ground
7BSEL
Band select
15
GND
Common ground
8VAPC
Power control voltage
16
GND
Common ground
1
2
3
4
5
6
7
8
16
15
14
13
GND
Vcc
GND
GND
GND
RFin
RFout
GND
9
12
10
11
RFout
GND
GND
Vcc
BSEL
TX-ON
VAPC
GND
Figure 4. RF performance.
Figure 5. Evaluation setup including network for unbalanced
input/output.
0
5
10
15
20
25
30
35
40
-10
-5
0
5
10
15
Pin (dBm)
0
10
20
30
40
50
60
70
80
Output power (dBm)
Gain (dB)
Efficiency (%)
RFin
V CC
Power
Control
RFout
BIAS
TX-ON
B SEL
12
4
6
7
8
12
13
Common ground



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com