Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBL40310 Datasheet(PDF) 2 Page - Ericsson

Part # PBL40310
Description  3.5 V GSM 900 MHz Power Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PBL40310 Datasheet(HTML) 2 Page - Ericsson

  PBL40310 Datasheet HTML 1Page - Ericsson PBL40310 Datasheet HTML 2Page - Ericsson PBL40310 Datasheet HTML 3Page - Ericsson PBL40310 Datasheet HTML 4Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
PBL 403 10
Parameter
Conditions
Symbol
Min.
Typ.
Max.
Unit
Supply voltage, continuous
V
CC
-0.5
6.0
V
Power control voltage
V
APC
-0.5
6.0
V
Input power
P
IN
+20
dBm
Operating Case Temperature
T
OP
-40
+85
°C
Storage Temperature Range
T
STORAGE
-30
+100
°C
V
CC = 3.5 V, TA= + 25°C unless otherwise stated.
Parameter
Conditions
Symbol
Min.
Typ.
Max.
Unit
Supply voltage range
V
CC
2.7
5.0
V
Supply current
V
APC= 2.5 V, no RF signal applied
I
CC
150
mA
Standby supply current
V
APC<=0.5 V, TX-ON=HIGH
I
STBY
3.0
mA
Power down leakage current
V
APC<= 0.5 V, TX-ON=LOW
I
LEAK
5.0
µA
Input current, V
APC
0 < V
APC < 3.5 V
2.0
3.0
mA
V
CC = 3.5 V, fIN = 900 MHz, PIN = 8 dBm, VAPC = 2.5 V, TX-ON = high (VCC), B
SEL
= low (GND), duty cycle = 12.5 %,
pulse width = 577
µs, T
A = +25°C unless otherwise stated. All data measured on evaluation board.
Parameter
Conditions
Symbol
Min.
Typ.
Max.
Unit
Frequency range
f
IN
880
915
MHz
Input impedance
Z
IN
50
Ω
Input VSWR
P
IN = -10 to +20
dBm
VSWR
2:1
Recommended input power
P
IN
8.0
12.0
dBm
Power gain
P
IN = 0 dBm
G
P
30
31
dB
Output power
P
OUT
34.5
35
dBm
Power added efficiency
η
50
55
%
Output power
V
CC = 2.9 V
P
OUT
33
dBm
2 nd harmonic
2 fo
tbd
dBc
3 rd harmonic
3 fo
tbd
dBc
Output Noise
RBW=100 kHz, f=925 to 935 MHz
tbd
dBm
Output Noise
RBW=100 kHz, f=925 to 960 MHz
tbd
dBm
Forward isolation
V
APC< 0.5 V, PIN = -10 to + 10 dBm
-25
dB
Stability, load VSWR
All phases, no oscillations.
VSWR
6:1
Ruggedness, load VSWR
All phases, no damage.
VSWR
10:1
Power control for max. P
OUT
V
APC
2.5
V
Power control for min. P
OUT
P
OUT< -30 dBm
V
APC
0.5
V
Power control slope
-10 dBm < P
OUT< 35 dBm
tbd
tbd
dB/V
This document contains advance information of a new product. Data given in this document shall be considered as preliminary
and may be changed without notice.
Maximum Ratings
DC Electrical Characteristics
AC Electrical Characteristics



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com