Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBL40310 Datasheet(PDF) 4 Page - Ericsson

Part # PBL40310
Description  3.5 V GSM 900 MHz Power Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PBL40310 Datasheet(HTML) 4 Page - Ericsson

  PBL40310 Datasheet HTML 1Page - Ericsson PBL40310 Datasheet HTML 2Page - Ericsson PBL40310 Datasheet HTML 3Page - Ericsson PBL40310 Datasheet HTML 4Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
PBL 403 10
Specifications subject to change without
notice.
1522-PBL 403 10 Uen Rev.A
© Ericsson Microelectronics AB
March 2001
Information given in this data sheet is believed to be accurate and reliable. However no responsibility is assumed
for the consequences of its use nor for any infringement of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Ericsson
Microelectronics AB. These products are sold only according to Ericsson Microelectronics AB's general conditions
of sale, unless otherwise confirmed in writing.
Ericsson Microelectronics AB
S-164 81 Kista-Stockholm, Sweden
Telephone: (08) 757 50 00
www.ericsson.se/microe
L
C
45 deg.
α
A1
A
D
e
H
E
B
Pin no 1
Dim.
inches
millimeters
min.
max.
min.
max.
A
B
C
D
E
H
L
1.35
0.532
0.21
0.19
0.25
0.0075
0.0098
9.80
9.98
0.386
0.393
3.99
0.157
5.70
6.20
0.2284
0.2240
0.41
1.27
0.016
0.050
1.75
0.688
0.31
0.008
0.012
3.81
0.150
α = 0−8 deg.
A1
e
0.10
0.25
0.004
0.0098
0.635mm
0.025 inch ref.
Package drawing, QSOP 16
Note: This package has been chosen as a preliminary package. It will possibly be changed to a smaller solution.
This document contains advance information of a new product. Data given in this document shall be considered as preliminary
and may bechanged without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com