Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBL40310 Datasheet(PDF) 1 Page - Ericsson

Part # PBL40310
Description  3.5 V GSM 900 MHz Power Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PBL40310 Datasheet(HTML) 1 Page - Ericsson

  PBL40310 Datasheet HTML 1Page - Ericsson PBL40310 Datasheet HTML 2Page - Ericsson PBL40310 Datasheet HTML 3Page - Ericsson PBL40310 Datasheet HTML 4Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
PBL 403 10
March 2001
3.5 V GSM 900 MHz Power Amplifier
PBL 403 10
Description.
The PBL 40310 is a highly integrated single-ended silicon MMIC power amplifier
intended for use in GSM terminals. It delivers 35 dBm at 900 MHz with 55 % power added
efficiency into a 50
Ω unbalanced load using a single 3.5 V supply.
The circuit has an analog ramp signal to control output power level and a logical on/
off signal for power down mode. It can be used in dual-band amplifiers using the band
select logical signal. It can be operated up to 50 % duty cycle with minimum performance
degradation. The circuit is housed in a specially designed QSOP16 (150 mil body)
package and the implementation requires only few external components.
25 GHz f
t state-of-the-art deep trench isolated double-poly silicon bipolar process
with additional features for improved wireless performance has been used. On-chip
capacitors and inductors are used for the integrated internal matching network. Special
front-side metallized substrate contacts provide excellent ground paths from active
devices to the highly doped semiconductor substrate and package ground.
Key features.
•
2.7 to 5.0 V single supply operation
•
35 dBm output power at 3.5 V
•
55 % Power Added Efficiency
•
Input matched to 50
Ω
•
Complete on chip input and
interstage matching
•
Analog power control
•
Less than 10
µA current
consumption in power down mode
•
Proven RF Silicon Technology
Reliability
•
Minimum number of external
components for low overall solution
cost
Figure 1. Block diagram.
Advance information
Figure 2. Package outlook.
RFin
V CC
Power
Control
RFout
B SEL
BIAS
TX - ON
PBL
40310


Similar Part No. - PBL40310

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PBL403 DIODES-PBL403 Datasheet
67Kb / 2P
4.0A BRIDGE RECTIFIER
DS21305 Rev. E-3
logo
Compact Technology Corp...
PBL403 CTC-PBL403 Datasheet
48Kb / 2P
SILICON BRIDGE RECTIFIERS
PBL403 CTC-PBL403 Datasheet
132Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Ericsson
PBL40305 ERICSSON-PBL40305 Datasheet
97Kb / 7P
Multiband GSM Power Amplifier
PBL40307 ERICSSON-PBL40307 Datasheet
225Kb / 4P
GSM Dual Band Tx_VCO
More results

Similar Description - PBL40310

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC0913 MOTOROLA-MRFIC0913 Datasheet
140Kb / 8P
900 MHz GSM CELLULAR INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC0917 MOTOROLA-MRFIC0917 Datasheet
168Kb / 10P
900 MHz GSM CELLULAR INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
logo
Synaptics Incorporated.
RF106 CONEXANT-RF106 Datasheet
64Kb / 6P
RF106 900 MHz Power Amplifier
logo
Freescale Semiconductor...
MMM5063 FREESCALE-MMM5063 Datasheet
578Kb / 20P
Tri-Band GSM GPRS 3.5 V Power Amplifier
logo
Toshiba Semiconductor
2SK3078 TOSHIBA-2SK3078 Datasheet
172Kb / 3P
900 MHz BAND AMPLIFIER APPLICATIONS (GSM)
logo
Freescale Semiconductor...
MMM5062 FREESCALE-MMM5062 Datasheet
1Mb / 22P
Quad-Band GSM GPRS 3.5 V Power Amplifier
logo
World Produts Inc.
WPANT30044-RA WPI-WPANT30044-RA Datasheet
71Kb / 2P
900 MHz GSM Unipolarized Directional Antenna
WPANT30046-RA WPI-WPANT30046-RA Datasheet
161Kb / 2P
900 MHz GSM Corner Antenna
WPANT30044-RA WPI-WPANT30044-RA_15 Datasheet
66Kb / 2P
900 MHz GSM Unipolarized Directional Antenna
logo
WALSIN TECHNOLOGY CORPO...
RFBLN16080G9D3T WALSIN-RFBLN16080G9D3T Datasheet
633Kb / 7P
900 MHz GSM Band RF Application
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com