Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBL403 Datasheet (PDF) - Diodes Incorporated

PBL403 Datasheet PDF - Diodes Incorporated
Part # PBL403
Download  PBL403 Download
File Size   67.28 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 4.0A BRIDGE RECTIFIER

PBL403 Datasheet (PDF)

Go To PDF Page Download Datasheet
PBL403 Datasheet PDF - Diodes Incorporated

Part # PBL403
Download  PBL403 Click to download

File Size   67.28 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 4.0A BRIDGE RECTIFIER

PBL403 Datasheet (HTML) - Diodes Incorporated


PBL403 Product details

Features
• High Case Dielectric Strength of 1500V
• Low Forward Voltage Drop, High Current Capability
• Surge Overload Rating to 150A Peak
• Ideal for Printed Circuit Board Application
• Plastic Material - UL Flammability Classification 94V-0
• UL Listed Under Recognized Component Index, File Number E95060




Similar Part No. - PBL403

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
PBL403 CTC-PBL403 Datasheet
48Kb / 2P
SILICON BRIDGE RECTIFIERS
PBL403 CTC-PBL403 Datasheet
132Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Ericsson
PBL40305 ERICSSON-PBL40305 Datasheet
97Kb / 7P
Multiband GSM Power Amplifier
PBL40307 ERICSSON-PBL40307 Datasheet
225Kb / 4P
GSM Dual Band Tx_VCO
PBL40309 ERICSSON-PBL40309 Datasheet
84Kb / 6P
3.6 V Differential Power Amplifier for DECT Telecommunications system
More results


Similar Description - PBL403

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBJ4A WTE-KBJ4A Datasheet
50Kb / 3P
4.0A BRIDGE RECTIFIER
KBL400 WTE-KBL400 Datasheet
33Kb / 3P
4.0A BRIDGE RECTIFIER
KBU400 WTE-KBU400 Datasheet
42Kb / 3P
4.0A BRIDGE RECTIFIER
logo
Diodes Incorporated
RS401L DIODES-RS401L Datasheet
62Kb / 2P
4.0A BRIDGE RECTIFIER
DS21315 Rev. D-3
logo
Zibo Seno Electronic En...
GBP4005 ZSELEC-GBP4005 Datasheet
58Kb / 2P
4.0A BRIDGE RECTIFIER
UG4KB05 ZSELEC-UG4KB05 Datasheet
118Kb / 2P
4.0A BRIDGE RECTIFIER
UR4KB05 ZSELEC-UR4KB05 Datasheet
118Kb / 2P
4.0A BRIDGE RECTIFIER
D4KB05 ZSELEC-D4KB05 Datasheet
117Kb / 2P
4.0A BRIDGE RECTIFIER
D4KB05 ZSELEC-D4KB05_V01 Datasheet
104Kb / 2P
4.0A BRIDGE RECTIFIER
GBP401 ZSELEC-GBP401_V01 Datasheet
85Kb / 2P
4.0A BRIDGE RECTIFIER
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com