Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBL40309 Datasheet (PDF) - Ericsson

PBL40309 Datasheet PDF - Ericsson
Part # PBL40309
Download  PBL40309 Download
File Size   84.31 Kbytes
Page   6 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description 3.6 V Differential Power Amplifier for DECT Telecommunications system

PBL40309 Datasheet (PDF)

Go To PDF Page Download Datasheet
PBL40309 Datasheet PDF - Ericsson

Part # PBL40309
Download  PBL40309 Click to download

File Size   84.31 Kbytes
Page   6 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description 3.6 V Differential Power Amplifier for DECT Telecommunications system

PBL40309 Datasheet (HTML) - Ericsson


PBL40309 Product details

Description.
The PBL 403 09 is a differential two stage silicon MMIC power amplifier intended for use in handheld cordless terminals in the 1900 MHz band. It can deliver more than 27 dBm at 1900 MHz into a balanced 50 Ω load using a single 3.6 V supply. The circuit has a logic input to control transmit on/off and can be operated up to 100 % duty cycle with minimum performance degradation. The circuit is housed in a specially designed QSOP16 (150 mil body ) package and the implementation requires only few external components.

Key features.
• 27 dBm output power
• 25 dB small signal gain
• 50 % Power Added Efficiency
• Simple logic on/off power control
• Battery charging conditions to 5.0 V
• ESD protected
• Excellent ruggedness
• On-chip input and interstage matching
• Differential input matched to 50 Ω
• Easy implementation with a simple output matching network
• Proven RF Silicon Technology Reliability
• Low overall solution cost

Applications.
• DECT




Similar Part No. - PBL40309

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL40305 ERICSSON-PBL40305 Datasheet
97Kb / 7P
Multiband GSM Power Amplifier
PBL40307 ERICSSON-PBL40307 Datasheet
225Kb / 4P
GSM Dual Band Tx_VCO
More results


Similar Description - PBL40309

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CGY2030M PHILIPS-CGY2030M Datasheet
93Kb / 12P
DECT 500 mW power amplifier
1997 Jan 17
CGY2032BTS PHILIPS-CGY2032BTS Datasheet
61Kb / 12P
DECT 500 mW power amplifier
2000 Mar 14
logo
Ericsson
PBL40215 ERICSSON-PBL40215 Datasheet
214Kb / 22P
RF Transceiver circuit for the Digital Enhanced Cordless Telecommunications (DECT) system
logo
Tyco Electronics
MA02203AD MACOM-MA02203AD Datasheet
89Kb / 5P
3.6 V, 450 mW DECT RF Power Amplifier IC
MA02205AF MACOM-MA02205AF Datasheet
245Kb / 5P
3.6V 0.5W RF Power Amplifier IC for DECT
MAAM-007219 MACOM-MAAM-007219 Datasheet
199Kb / 4P
3.6 V, 450 mW DECT RF Power Amplifier IC 1880 - 1900 MHz
MAAPSS0107 MACOM-MAAPSS0107 Datasheet
313Kb / 6P
3.6 V, 0.5 W, RF Power Amplifier IC for DECT 1800 - 2000 MHz
MA02206GJ MACOM-MA02206GJ_1 Datasheet
288Kb / 6P
3.6 V, 0.5 W, RF Power Amplifier IC for DECT, 1800 - 2000 MHz
logo
M/A-COM Technology Solu...
MAAPSS0071 MA-COM-MAAPSS0071 Datasheet
114Kb / 5P
DECT Power Amplifier
MAAPSS0071 MA-COM-MAAPSS0071_15 Datasheet
114Kb / 5P
DECT Power Amplifier
More results




About Ericsson


Ericsson is a Swedish multinational telecommunications company that was founded in 1876. The company is one of the world's leading providers of communications technology and services, and has a significant presence in the mobile and fixed network infrastructure markets.

Ericsson provides a wide range of products and services for mobile and fixed networks, including equipment for wireless and wired communication, IP networking, and cloud services. The company also offers software and services for network and business operations, as well as consulting, training, and managed services.

Ericsson is at the forefront of 5G technology and is heavily involved in the development and deployment of 5G networks around the world. The company is also working on developing new technologies for the Internet of Things (IoT) and is a leader in the development of network automation and artificial intelligence (AI) solutions.

Ericsson operates in more than 180 countries and has a strong global presence, with R&D centers located in several countries, including Sweden, China, and the United States.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com