Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBL40305 Datasheet (PDF) - Ericsson

PBL40305 Datasheet PDF - Ericsson
Part # PBL40305
Download  PBL40305 Download
File Size   97.85 Kbytes
Page   7 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description Multiband GSM Power Amplifier

PBL40305 Datasheet (PDF)

Go To PDF Page Download Datasheet
PBL40305 Datasheet PDF - Ericsson

Part # PBL40305
Download  PBL40305 Click to download

File Size   97.85 Kbytes
Page   7 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description Multiband GSM Power Amplifier

PBL40305 Datasheet (HTML) - Ericsson


PBL40305 Product details

Description.

The PBL 403 05 is a dual line-up GaAs MMIC power amplifier intended for use in multiband GSM terminals. Powered of a 3.2V supply it delivers more than 34.5 dBm output power at GSM900 and more than 31.5 dBm output power at DCS1800 or PCS1900 frequencies.

The circuit uses an analog control signal to control the output power level. The circuit is housed in a specially designed QSOP28 (150 mil body) package with no special mounting requirements.

The circuit is manufactured in a high performance MESFET process that ensures ruggednes for environmental variations.




Key features.

• One IC handles GSM900, DCS 1800 and PCS1900 bands.

• Low cost solution.

• Inputs matched to 50 Ω

• Digital band select function.

• Analog gain control.

• Proven GaAs MESFET-reliability.

• Tape and Reel.

• SMD QSOP 28 package.




Similar Part No. - PBL40305

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL40307 ERICSSON-PBL40307 Datasheet
225Kb / 4P
GSM Dual Band Tx_VCO
PBL40309 ERICSSON-PBL40309 Datasheet
84Kb / 6P
3.6 V Differential Power Amplifier for DECT Telecommunications system
More results


Similar Description - PBL40305

ManufacturerPart #DatasheetDescription
logo
Agere Systems
W3020 AGERE-W3020 Datasheet
409Kb / 44P
GSM Multiband RF Transceiver
December 1999
logo
TriQuint Semiconductor
TQM7M9023 TRIQUINT-TQM7M9023 Datasheet
426Kb / 15P
5.0x7.5mm Multimode Multiband Power Amplifier
TQM7M9023 TRIQUINT-TQM7M9023_15 Datasheet
426Kb / 15P
Multimode Multiband Power Amplifier
logo
Skyworks Solutions Inc.
SKY77603 SKYWORKS-SKY77603 Datasheet
225Kb / 2P
Multimode Multiband Power Amplifier Module
SKY77619 SKYWORKS-SKY77619 Datasheet
85Kb / 2P
Multimode Multiband Power Amplifier
SKY77643-21 SKYWORKS-SKY77643-21 Datasheet
86Kb / 2P
Multimode Multiband Power Amplifier Module
SKY77661-11 SKYWORKS-SKY77661-11 Datasheet
236Kb / 3P
Multimode Multiband Power Amplifier Module for Dual Mode Quad-Band GSM/EDGE
SKY77606 SKYWORKS-SKY77606 Datasheet
585Kb / 2P
Multiband Multimode Power Amplifier Module
SKY77657-11 SKYWORKS-SKY77657-11 Datasheet
82Kb / 2P
Multimode Multiband Power Amplifier Module
SKY77658-11 SKYWORKS-SKY77658-11 Datasheet
84Kb / 2P
Multimode Multiband Power Amplifier Module
More results




About Ericsson


Ericsson is a Swedish multinational telecommunications company that was founded in 1876. The company is one of the world's leading providers of communications technology and services, and has a significant presence in the mobile and fixed network infrastructure markets.

Ericsson provides a wide range of products and services for mobile and fixed networks, including equipment for wireless and wired communication, IP networking, and cloud services. The company also offers software and services for network and business operations, as well as consulting, training, and managed services.

Ericsson is at the forefront of 5G technology and is heavily involved in the development and deployment of 5G networks around the world. The company is also working on developing new technologies for the Internet of Things (IoT) and is a leader in the development of network automation and artificial intelligence (AI) solutions.

Ericsson operates in more than 180 countries and has a strong global presence, with R&D centers located in several countries, including Sweden, China, and the United States.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com