Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRFIC0912 Datasheet (PDF) - Motorola, Inc

MRFIC0912 Datasheet PDF - Motorola, Inc
Part # MRFIC0912
Download  MRFIC0912 Download
File Size   120.2 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 900 MHz GaAs INTEGRATED POWER AMPLIFIER

MRFIC0912 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRFIC0912 Datasheet PDF - Motorola, Inc

Part # MRFIC0912
Download  MRFIC0912 Click to download

File Size   120.2 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 900 MHz GaAs INTEGRATED POWER AMPLIFIER

MRFIC0912 Datasheet (HTML) - Motorola, Inc


MRFIC0912 Product details

The MRFIC Line 900 MHz GaAs Integrated Power Amplifier

Designed primarily for use in high efficiency Analog Cellular applications, the MRFIC0912 is a two–stage power amplifier in Motorola’s proprietary Power Flat Pack 16–lead package. This integrated circuit requires minimal off-chip matching while allowing for the maximum in flexibility in optimizing gain and efficiency. The design employs Motorola’s planar, self–aligned GaAs MESFET IC process to give the highest efficiency possible.

• Usable Frequency Range = 800–1000 MHz, Specified for 824–905 MHz
• 30.8 dBm Minimum Output Power
• 470 mA Maximum Supply Current at 30.8 dBm Output
• 23.8 dB Minimum Gain
• Simple Off–chip Matching for Maximum Power/Efficiency Flexibility
• 4.6 Volt Supply
• 45 dB/Volt Typical Power Output Control
• Order MRFIC0912R2 for Tape and Reel Option. R2 Suffix = 1,500 Units per 16 mm, 13 inch Reel.
• Device Marking = M0912




Similar Part No. - MRFIC0912

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC0913 MOTOROLA-MRFIC0913 Datasheet
140Kb / 8P
900 MHz GSM CELLULAR INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC0914 MOTOROLA-MRFIC0914 Datasheet
127Kb / 6P
900 MHz PAGING POWER AMPLIFIER Si MONOLITHIC INTEGRATED CIRCUIT
MRFIC0916 MOTOROLA-MRFIC0916 Datasheet
98Kb / 8P
SILICON GENERAL PURPOSE RF CASCODE AMPLIFIER
MRFIC0917 MOTOROLA-MRFIC0917 Datasheet
168Kb / 10P
900 MHz GSM CELLULAR INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
More results


Similar Description - MRFIC0912

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC0904 MOTOROLA-MRFIC0904 Datasheet
147Kb / 8P
900 MHz GaAs TWO STAGE DRIVER AMP INTEGRATED CIRCUIT
MRFIC0913 MOTOROLA-MRFIC0913 Datasheet
140Kb / 8P
900 MHz GSM CELLULAR INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC0914 MOTOROLA-MRFIC0914 Datasheet
127Kb / 6P
900 MHz PAGING POWER AMPLIFIER Si MONOLITHIC INTEGRATED CIRCUIT
MRFIC0917 MOTOROLA-MRFIC0917 Datasheet
168Kb / 10P
900 MHz GSM CELLULAR INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
logo
ANADIGICS, Inc
AWT921S11 ANADIGICS-AWT921S11 Datasheet
335Kb / 5P
Integrated High Power Amp 900 MHz
Rev. 6
logo
Synaptics Incorporated.
RF106 CONEXANT-RF106 Datasheet
64Kb / 6P
RF106 900 MHz Power Amplifier
logo
Skyworks Solutions Inc.
AL106-84 SKYWORKS-AL106-84 Datasheet
29Kb / 3P
GaAs IC 900 MHz High Dynamic Range Amplifier
logo
Mimix Broadband
CFH2162-P1 MIMIX-CFH2162-P1_06 Datasheet
414Kb / 2P
800-900 MHz 36 dBm Power GaAs FET
CFK2062-P1 MIMIX-CFK2062-P1_06 Datasheet
138Kb / 4P
800-900 MHz 30 dBm Power GaAs FET
CFK2162-P1 MIMIX-CFK2162-P1_06 Datasheet
470Kb / 4P
800-900 MHz 34 dBm Power GaAs FET
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com