Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRFIC0904 Datasheet (PDF) - Motorola, Inc

MRFIC0904 Datasheet PDF - Motorola, Inc
Part # MRFIC0904
Download  MRFIC0904 Download
File Size   147.06 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 900 MHz GaAs TWO STAGE DRIVER AMP INTEGRATED CIRCUIT

MRFIC0904 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRFIC0904 Datasheet PDF - Motorola, Inc

Part # MRFIC0904
Download  MRFIC0904 Click to download

File Size   147.06 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 900 MHz GaAs TWO STAGE DRIVER AMP INTEGRATED CIRCUIT

MRFIC0904 Datasheet (HTML) - Motorola, Inc


MRFIC0904 Product details

The MRFIC Line
900 MHz GaAs Two-Stage Driver Amplifier

The MRFIC0904 is an integrated driver amplifier designed for class A/B operation in the 800 MHz to 1 GHz frequency range. The design utilizes Motorola’s Advanced GaAs FET process to yield superior performance and efficiency in a cost effective monolithic device. Off–chip output matching provides maximum flexibility in design. Applications for the MRFIC0904 include GSM, AMPS, and ISM band transmitters.

• GSM Ramping/Gain Control of 45 dB with Power Control Function (PCNTRL)
• Class 4 Pout (1 dB Gain Compression) = 26 dBm @ 4.8 V (Typical)
• Class 4 Supply Current (1 dB) = 120 mA @ 4.8 V (Typical)
• Class 5 Pout (1 dB Gain Compression) = 24 dBm 3.6 V (Typical)
• Class 5 Supply Current (1 dB) = 120 mA @ 3.6 V (Typical)
• Low Cost Surface Mount Plastic Package
• Order MRFIC0904R2 for Tape and Reel.
   R2 Suffix = 2,500 Units per 16 mm, 13 inch Reel.
• Device Marking = M0904




Similar Part No. - MRFIC0904

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC0903 MOTOROLA-MRFIC0903 Datasheet
193Kb / 8P
ANTENNA SWITCH GaAs MONOLITHIC INTEGRATED CIRCUIT
More results


Similar Description - MRFIC0904

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC0912 MOTOROLA-MRFIC0912 Datasheet
120Kb / 6P
900 MHz GaAs INTEGRATED POWER AMPLIFIER
MRFIC0913 MOTOROLA-MRFIC0913 Datasheet
140Kb / 8P
900 MHz GSM CELLULAR INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC0917 MOTOROLA-MRFIC0917 Datasheet
168Kb / 10P
900 MHz GSM CELLULAR INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC2002 MOTOROLA-MRFIC2002 Datasheet
184Kb / 6P
900 MHz TX-MIXER SILICON MONOLITHIC INTEGRATED CIRCUIT
MRFIC2004 MOTOROLA-MRFIC2004 Datasheet
179Kb / 7P
900 MHz DRIVER & RAMP SILICON MONOLITHIC INTEGRATED CIRCUIT
MRFIC2006 MOTOROLA-MRFIC2006 Datasheet
165Kb / 8P
900 MHz 2 STAGE PA SILICON MONOLITHIC INTEGRATED CIRCUIT
MRFIC2101 MOTOROLA-MRFIC2101 Datasheet
124Kb / 10P
900 MHz TX-MIXER/EXCITER SILICON MONOLITHIC INTEGRATED CIRCUIT
logo
NTE Electronics
NTE2080 NTE-NTE2080 Datasheet
23Kb / 2P
Integrated Circuit 7-Stage Driver Array
NTE2081 NTE-NTE2081 Datasheet
22Kb / 2P
Integrated Circuit 7-Stage Driver Array
logo
ANADIGICS, Inc
AWT921S11 ANADIGICS-AWT921S11 Datasheet
335Kb / 5P
Integrated High Power Amp 900 MHz
Rev. 6
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com