Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRFIC0916 Datasheet (PDF) - Motorola, Inc

MRFIC0916 Datasheet PDF - Motorola, Inc
Part # MRFIC0916
Download  MRFIC0916 Download
File Size   98.91 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description SILICON GENERAL PURPOSE RF CASCODE AMPLIFIER

MRFIC0916 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRFIC0916 Datasheet PDF - Motorola, Inc

Part # MRFIC0916
Download  MRFIC0916 Click to download

File Size   98.91 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description SILICON GENERAL PURPOSE RF CASCODE AMPLIFIER

MRFIC0916 Datasheet (HTML) - Motorola, Inc


MRFIC0916 Product details

The MRFIC Line
General Purpose RF Cascode Amplifier

The MRFIC0916 is a cost–effective, high isolation cascode silicon monolithic amplifier in the industry standard SOT–143 surface mount package designed for general purpose RF applications. On chip bias circuitry sets the bias point while matching is accomplished off chip affording the maximum in application flexibility.

• Usable Frequency Range = 100 to 2500 MHz
• 18.5 dB typical gain at 850 MHz, VCC = 2.7 Volts
• 2.3 dBm typical Output Power at 1 dB Gain Compression at 850 MHz, VCC = 2.7 Volts
• 44 dB Typical Reverse Isolation at 850 MHz
• 5.6 mA Max Bias Current at VCC = 2.7 Volts
• 2.7 to 5 Volt Supply
• Available in Tape and Reel by Adding T1 Suffix to Part Number.
   T1 Suffix = 3,000 Units per 8 mm, 7 inch Reel.
• Device Marking = 16




Similar Part No. - MRFIC0916

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC0912 MOTOROLA-MRFIC0912 Datasheet
120Kb / 6P
900 MHz GaAs INTEGRATED POWER AMPLIFIER
MRFIC0913 MOTOROLA-MRFIC0913 Datasheet
140Kb / 8P
900 MHz GSM CELLULAR INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC0914 MOTOROLA-MRFIC0914 Datasheet
127Kb / 6P
900 MHz PAGING POWER AMPLIFIER Si MONOLITHIC INTEGRATED CIRCUIT
MRFIC0917 MOTOROLA-MRFIC0917 Datasheet
168Kb / 10P
900 MHz GSM CELLULAR INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
More results


Similar Description - MRFIC0916

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT3416LT3 ONSEMI-MMBT3416LT3 Datasheet
297Kb / 8P
General Purpose Amplifier(NPN Silicon)
MMBTA20LT1 ONSEMI-MMBTA20LT1 Datasheet
227Kb / 8P
General Purpose Amplifier(NPN Silicon)
March, 2001 ??Rev. 1
logo
STMicroelectronics
MSC82306 STMICROELECTRONICS-MSC82306 Datasheet
54Kb / 4P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
Oct-1992
logo
Leshan Radio Company
MMBTA20LT1 LRC-MMBTA20LT1 Datasheet
316Kb / 6P
General Purpose Amplifier (NPN Silicon)
logo
Infineon Technologies A...
BGA416 INFINEON-BGA416 Datasheet
88Kb / 8P
RF Cascode Amplifier
June 2002
logo
Motorola, Inc
MBC13916 MOTOROLA-MBC13916 Datasheet
396Kb / 12P
General Purpose Sige:CRF Cascode Amplifier
logo
Freescale Semiconductor...
MBC13917 FREESCALE-MBC13917 Datasheet
1Mb / 40P
General Purpose SiGe C RF Cascode Low Noise Amplifier
logo
Infineon Technologies A...
BGA416 INFINEON-BGA416_08 Datasheet
288Kb / 8P
RF Cascode Amplifier
Rev. 2.1, April 2008
logo
NXP Semiconductors
MBC13916 NXP-MBC13916 Datasheet
492Kb / 16P
General Purpose SiGe:C RF Cascode Low Noise Amplifier
Rev. 2.2, 05/2006
MBC13917 NXP-MBC13917 Datasheet
1Mb / 40P
General Purpose SiGe:C RF Cascode Low Noise Amplifier
Rev. 1.0, 12/2010
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com