Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRFIC0914 Datasheet (PDF) - Motorola, Inc

MRFIC0914 Datasheet PDF - Motorola, Inc
Part # MRFIC0914
Download  MRFIC0914 Download
File Size   127.55 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 900 MHz PAGING POWER AMPLIFIER Si MONOLITHIC INTEGRATED CIRCUIT

MRFIC0914 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRFIC0914 Datasheet PDF - Motorola, Inc

Part # MRFIC0914
Download  MRFIC0914 Click to download

File Size   127.55 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 900 MHz PAGING POWER AMPLIFIER Si MONOLITHIC INTEGRATED CIRCUIT

MRFIC0914 Datasheet (HTML) - Motorola, Inc


MRFIC0914 Product details

The MRFIC Line 900 MHz LDMOS Integrated Power Amplifier

This integrated circuit is intended for two–way paging applications and for other Industrial, Scientific and Medical (ISM) at 900 MHz band applications. The three stage design is implemented in Motorola’s low cost, high performance LDMOS process and housed in a low–cost surface mount SOIC package. Input and output matching is implemented off–chip for maximum flexibility while interstage matching is on–chip. A power control pin is included allowing 60 dB dynamic range.

• 30.5 dBm Output Power for 3 dBm Input Power at 900 MHz
• 32 dB Typ Small Signal Gain
• 40% Efficiency Min at 30.5 dBm Output Power
• 4.0 to 5.5 Volt Operation
• Low–Cost, Low Profile Plastic SOIC Package
• Order MRFIC0914R2 for Tape and Reel. R2 Suffix = 2,500 Units per 16 mm, 13 inch Reel.
• Device Marking = M0914




Similar Part No. - MRFIC0914

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC0912 MOTOROLA-MRFIC0912 Datasheet
120Kb / 6P
900 MHz GaAs INTEGRATED POWER AMPLIFIER
MRFIC0913 MOTOROLA-MRFIC0913 Datasheet
140Kb / 8P
900 MHz GSM CELLULAR INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC0916 MOTOROLA-MRFIC0916 Datasheet
98Kb / 8P
SILICON GENERAL PURPOSE RF CASCODE AMPLIFIER
MRFIC0917 MOTOROLA-MRFIC0917 Datasheet
168Kb / 10P
900 MHz GSM CELLULAR INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
More results


Similar Description - MRFIC0914

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC0912 MOTOROLA-MRFIC0912 Datasheet
120Kb / 6P
900 MHz GaAs INTEGRATED POWER AMPLIFIER
MRFIC0913 MOTOROLA-MRFIC0913 Datasheet
140Kb / 8P
900 MHz GSM CELLULAR INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC0917 MOTOROLA-MRFIC0917 Datasheet
168Kb / 10P
900 MHz GSM CELLULAR INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC2001 MOTOROLA-MRFIC2001 Datasheet
191Kb / 6P
900 MHz DOWNCONVERTER LNA/MIXER SILICON MONOLITHIC INTEGRATED CIRCUIT
MRFIC2002 MOTOROLA-MRFIC2002 Datasheet
184Kb / 6P
900 MHz TX-MIXER SILICON MONOLITHIC INTEGRATED CIRCUIT
MRFIC2004 MOTOROLA-MRFIC2004 Datasheet
179Kb / 7P
900 MHz DRIVER & RAMP SILICON MONOLITHIC INTEGRATED CIRCUIT
MRFIC2006 MOTOROLA-MRFIC2006 Datasheet
165Kb / 8P
900 MHz 2 STAGE PA SILICON MONOLITHIC INTEGRATED CIRCUIT
MRFIC2101 MOTOROLA-MRFIC2101 Datasheet
124Kb / 10P
900 MHz TX-MIXER/EXCITER SILICON MONOLITHIC INTEGRATED CIRCUIT
logo
NEC
UPC2747 NEC-UPC2747 Datasheet
63Kb / 5P
3 V, 900 MHz Si MMIC AMPLIFIER
logo
Synaptics Incorporated.
RF106 CONEXANT-RF106 Datasheet
64Kb / 6P
RF106 900 MHz Power Amplifier
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com