Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGA416 Datasheet (PDF) - Infineon Technologies AG

BGA416 Datasheet PDF - Infineon Technologies AG
Part # BGA416
Download  BGA416 Download
File Size   88.94 Kbytes
Page   8 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description RF Cascode Amplifier

BGA416 Datasheet (PDF)

Go To PDF Page Download Datasheet
BGA416 Datasheet PDF - Infineon Technologies AG

Part # BGA416
Download  BGA416 Click to download

File Size   88.94 Kbytes
Page   8 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description RF Cascode Amplifier

BGA416 Datasheet (HTML) - Infineon Technologies AG


BGA416 Product details

Description
BGA416 is a monolithic silicon cascode amplifier with high reverse isolation. A bias network is integrated for simplified biasing.

Feature
• GMA = 23 dB at 900 MHz
• Ultra high reverse isolation, 60 dB at 900 MHz
• Low noise figure, F50Ω = 1.2 dB at 900 MHz
• On chip bias circuitry, 5.5 mA bias current at VCC = 3 V
• Typical supply voltage: 2.5 to 5.0 V
• SIEGET®-25 technology
• Pb-free (RoHS compliant) package

Applications
• Buffer amplifier
• LNAs
• Oscillator active devices




Similar Part No. - BGA416

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGA416 INFINEON-BGA416_08 Datasheet
288Kb / 8P
RF Cascode Amplifier
Rev. 2.1, April 2008
More results


Similar Description - BGA416

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC0916 MOTOROLA-MRFIC0916 Datasheet
98Kb / 8P
SILICON GENERAL PURPOSE RF CASCODE AMPLIFIER
logo
NTE Electronics
NTE724 NTE-NTE724 Datasheet
25Kb / 3P
Integrated Circuit Differential/Cascode Amplifier
logo
Motorola, Inc
MBC13916 MOTOROLA-MBC13916 Datasheet
396Kb / 12P
General Purpose Sige:CRF Cascode Amplifier
logo
General Electric Compan...
6BS8 GEC-6BS8 Datasheet
509Kb / 5P
TWIN TRIODE FOR VKF CASCODE AMPLIFIER APPLICATIONS
logo
Freescale Semiconductor...
MBC13917 FREESCALE-MBC13917 Datasheet
1Mb / 40P
General Purpose SiGe C RF Cascode Low Noise Amplifier
logo
Infineon Technologies A...
BGA416 INFINEON-BGA416_08 Datasheet
288Kb / 8P
RF Cascode Amplifier
Rev. 2.1, April 2008
logo
NXP Semiconductors
MBC13916 NXP-MBC13916 Datasheet
492Kb / 16P
General Purpose SiGe:C RF Cascode Low Noise Amplifier
Rev. 2.2, 05/2006
MBC13917 NXP-MBC13917 Datasheet
1Mb / 40P
General Purpose SiGe:C RF Cascode Low Noise Amplifier
Rev. 1.0, 12/2010
logo
UnitedSiC.
UF3C065030T3S UNITEDSIC-UF3C065030T3S Datasheet
503Kb / 12P
650V-27mW SiC Cascode
Rev. C, June 2019
UF3C120150B7S UNITEDSIC-UF3C120150B7S Datasheet
415Kb / 10P
1200V-150mW SiC Cascode
Rev. A, January 2021
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com