Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF106 Datasheet(PDF) 2 Page - Synaptics Incorporated.

Part # RF106
Description  RF106 900 MHz Power Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

RF106 Datasheet(HTML) 2 Page - Synaptics Incorporated.

  RF106 Datasheet HTML 1Page - Synaptics Incorporated. RF106 Datasheet HTML 2Page - Synaptics Incorporated. RF106 Datasheet HTML 3Page - Synaptics Incorporated. RF106 Datasheet HTML 4Page - Synaptics Incorporated. RF106 Datasheet HTML 5Page - Synaptics Incorporated. RF106 Datasheet HTML 6Page - Synaptics Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
RF106 900 MHz Power Amplifier
2
Conexant
W118
2/1/98
Technical Description
The RF106 is a three stage, class AB RF power amplifier
for the 902-928 MHz ISM band. A class AB power
amplifier allows a wide range of output powers without
excessive idle power dissipation. Figure 3 shows a typical
application circuit for the RF106.
Recommendations on Layout and Implementation
Matching
An input matching network and an output matching
network are needed for maximum power transfer. For
greatest efficiency, it is recommended that the input
matching network be determined before the output
matching network. Matching network values are layout-
sensitive. If the RF106 is used with Conexant's RF105
transceiver, the input matching network is not required if
the connecting traces are short.
Bypassing
All VCC pins should have proper bypassing. These
decoupling capacitors should be placed very close to the
pins, preferably right at the Vcc pins.
A bypassing capacitor of 33pF and a decoupling capacitor
of 1nF for low frequency noise are recommended. Due to
layout variations the value of the capacitor may vary.
General Grounding Requirements
All ground pins should have minimum trace inductance to
ground. If a ground plane cannot be provided right at the
pins, the vias to ground plane should be placed as close
to the pins as possible. There should be one via for each
ground pin, unless otherwise specified. If the ground
plane is at the bottom layer, two vias per pin in parallel
may be required.
It is important to provide pins 13 and 14 with separate
low-impedance connections to GND, isolated from other
top-layer grounds.
NC pins are not used and should be connected to ac
ground, Vcc or ground, as shown in Figure 3.
ESD Sensitivity
The RF106 is a static-sensitive electronic device. Do not
operate or store near strong electrostatic fields. Take
proper Electrostatic Discharge (ESD) precautions.
RF106
Vcc
1
2
3
4
5
6
7
8
9
10
22nH
ENABLE
LPF
33pF
Output
matching
network*
Rx
section
1.5nH
Vcc
1nF
10
Ω
33pF
Vcc
1nF
10
Ω
33pF
Vcc
1nF
10
Ω
33pF
90°
phase
shifter
1nF
33pF
20
19
18
17
16
15
14
13
12
11
RFIN
Input
matching
network*
* Matching network values are layout-dependent.
33pF
33pF
Matching
network*
10k
Ω
470
Figure 3. RF106 Typical Application Circuit



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com