Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAPDCC0010 Datasheet (PDF) - Tyco Electronics

MAPDCC0010 Datasheet PDF - Tyco Electronics
Part # MAPDCC0010
Download  MAPDCC0010 Download
File Size   158.45 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Low Cost Two-Way GMIC SMT Power Divier, 2200-2500 MHz

MAPDCC0010 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAPDCC0010 Datasheet PDF - Tyco Electronics

Part # MAPDCC0010
Download  MAPDCC0010 Click to download

File Size   158.45 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Low Cost Two-Way GMIC SMT Power Divier, 2200-2500 MHz

MAPDCC0010 Datasheet (HTML) - Tyco Electronics


MAPDCC0010 Product details

Description
M/A-COM’s MAPDCC0010 is an IC-based monolithic power divider using M/A-COM’s GMIC technology in a low cost SOT-25 plastic package. This 2- way power divider is ideally suited for applications where small size, low insertion loss, superior phase/amplitude tracking and low cost are required. Typical applications include handsets, base station switching networks and other communication applications where size and PCB real estate are at a premium. Available in Tape and Reel.

Features
• Small Size and Low Profile
• Typical Insertion Loss: 1.0 dB
• Typical Amplitude Balance: 0.1 dB
• 1 Watt Power Handling
• Lead-Free SOT-25 Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of DS52-0007




Similar Part No. - MAPDCC0010

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPDCC0010 MA-COM-MAPDCC0010 Datasheet
58Kb / 3P
Low Cost Two-Way GMIC SMT Power Divider, 2200 - 2500 MHz
MAPDCC0010 MA-COM-MAPDCC0010 Datasheet
58Kb / 3P
Low Cost Two-Way GMIC SMT Power Divider
MAPDCC0010 MA-COM-MAPDCC0010 Datasheet
617Kb / 4P
Low Cost Two-Way GMIC SMT Power Divider
MAPDCC0010-TB MA-COM-MAPDCC0010-TB Datasheet
58Kb / 3P
Low Cost Two-Way GMIC SMT Power Divider, 2200 - 2500 MHz
MAPDCC0010-TB MA-COM-MAPDCC0010-TB Datasheet
617Kb / 4P
Low Cost Two-Way GMIC SMT Power Divider
More results


Similar Description - MAPDCC0010

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS52-0007 MACOM-DS52-0007 Datasheet
40Kb / 2P
Low Cost Two-Way GMIC SMT Power Divider 2200 - 2500 MHz
logo
M/A-COM Technology Solu...
DS52-0007 MA-COM-DS52-0007 Datasheet
71Kb / 4P
Low Cost Two-Way GMIC SMT Power Divider, 2200 - 2500 MHz
MAPDCC0010 MA-COM-MAPDCC0010 Datasheet
58Kb / 3P
Low Cost Two-Way GMIC SMT Power Divider, 2200 - 2500 MHz
MAPD-007530-000100 MA-COM-MAPD-007530-000100 Datasheet
105Kb / 4P
Low Cost Two-Way GMIC SMT Power Divider 1700 - 2000 MHz
MAPD-007530-000100 MA-COM-MAPD-007530-000100 Datasheet
105Kb / 4P
Low Cost Two-Way GMIC SMT Power Divider
MAPDCC0010 MA-COM-MAPDCC0010 Datasheet
58Kb / 3P
Low Cost Two-Way GMIC SMT Power Divider
MAPDCC0011 MA-COM-MAPDCC0011 Datasheet
73Kb / 4P
Low Cost Two-Way GMIC SMT Power Divider
MAPD-007530-000100 MA-COM-MAPD-007530-000100_15 Datasheet
105Kb / 4P
Low Cost Two-Way GMIC SMT Power Divider
MAPD-007530 MA-COM-MAPD-007530 Datasheet
627Kb / 5P
Low Cost Two-Way GMIC SMT Power Divider
MAPDCC0010 MA-COM-MAPDCC0010_15 Datasheet
617Kb / 4P
Low Cost Two-Way GMIC SMT Power Divider
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com