Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAPDCC0010 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MAPDCC0010 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MAPDCC0010
Download  MAPDCC0010 Download
File Size   58.01 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Low Cost Two-Way GMIC SMT Power Divider, 2200 - 2500 MHz

MAPDCC0010 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAPDCC0010 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MAPDCC0010
Download  MAPDCC0010 Click to download

File Size   58.01 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Low Cost Two-Way GMIC SMT Power Divider, 2200 - 2500 MHz

MAPDCC0010 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MAPDCC0010 Product details

Description
M/A-COM’s MAPDCC0010 is an IC-based monolithic power divider using M/A-COM’s GMIC technology in a low cost SOT-25 plastic package. This 2- way power divider is ideally suited for applications where small size, low insertion loss, superior phase/amplitude tracking and low cost are required. Typical applications include handsets, base station switching networks and other communication applications where size and PCB real estate are at a premium. Available in Tape and Reel.

Features
• Small Size and Low Profile
• Typical Insertion Loss: 1.0 dB
• Typical Amplitude Balance: 0.1 dB
• 1 Watt Power Handling
• Lead-Free SOT-25 Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of DS52-0007




Similar Part No. - MAPDCC0010

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAPDCC0010 MACOM-MAPDCC0010 Datasheet
158Kb / 3P
Low Cost Two-Way GMIC SMT Power Divier, 2200-2500 MHz
logo
M/A-COM Technology Solu...
MAPDCC0010 MA-COM-MAPDCC0010 Datasheet
58Kb / 3P
Low Cost Two-Way GMIC SMT Power Divider
MAPDCC0010 MA-COM-MAPDCC0010 Datasheet
617Kb / 4P
Low Cost Two-Way GMIC SMT Power Divider
logo
Tyco Electronics
MAPDCC0010-TB MACOM-MAPDCC0010-TB Datasheet
158Kb / 3P
Low Cost Two-Way GMIC SMT Power Divier, 2200-2500 MHz
logo
M/A-COM Technology Solu...
MAPDCC0010-TB MA-COM-MAPDCC0010-TB Datasheet
617Kb / 4P
Low Cost Two-Way GMIC SMT Power Divider
More results


Similar Description - MAPDCC0010

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS52-0007 MACOM-DS52-0007 Datasheet
40Kb / 2P
Low Cost Two-Way GMIC SMT Power Divider 2200 - 2500 MHz
MAPDCC0010 MACOM-MAPDCC0010 Datasheet
158Kb / 3P
Low Cost Two-Way GMIC SMT Power Divier, 2200-2500 MHz
logo
M/A-COM Technology Solu...
DS52-0007 MA-COM-DS52-0007 Datasheet
71Kb / 4P
Low Cost Two-Way GMIC SMT Power Divider, 2200 - 2500 MHz
MAPD-007530-000100 MA-COM-MAPD-007530-000100 Datasheet
105Kb / 4P
Low Cost Two-Way GMIC SMT Power Divider 1700 - 2000 MHz
MAPD-007530-000100 MA-COM-MAPD-007530-000100 Datasheet
105Kb / 4P
Low Cost Two-Way GMIC SMT Power Divider
MAPDCC0010 MA-COM-MAPDCC0010 Datasheet
58Kb / 3P
Low Cost Two-Way GMIC SMT Power Divider
MAPDCC0011 MA-COM-MAPDCC0011 Datasheet
73Kb / 4P
Low Cost Two-Way GMIC SMT Power Divider
MAPD-007530-000100 MA-COM-MAPD-007530-000100_15 Datasheet
105Kb / 4P
Low Cost Two-Way GMIC SMT Power Divider
MAPD-007530 MA-COM-MAPD-007530 Datasheet
627Kb / 5P
Low Cost Two-Way GMIC SMT Power Divider
MAPDCC0010 MA-COM-MAPDCC0010_15 Datasheet
617Kb / 4P
Low Cost Two-Way GMIC SMT Power Divider
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com