Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1815662 Datasheet (PDF) - PHOENIX CONTACT

1815662 Datasheet PDF - PHOENIX CONTACT
Part # 1815662
Download  1815662 Download
File Size   1034.33 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MVSTBR 2,5/ 5-ST-5,08 BD:6-10 - PCB connector

1815662 Datasheet (PDF)

Go To PDF Page Download Datasheet
1815662 Datasheet PDF - PHOENIX CONTACT

Part # 1815662
Download  1815662 Click to download

File Size   1034.33 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MVSTBR 2,5/ 5-ST-5,08 BD:6-10 - PCB connector

1815662 Datasheet (HTML) - PHOENIX CONTACT


1815662 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Tin, contact connection type: Socket, number of potentials:
5, number of rows: 1, number of positions: 5, number of connections: 5, product range: MVSTBR
2,5/..-ST, pitch: 5.08 mm, connection method: Screw connection with tension sleeve, screw head
form: L Slotted, conductor/PCB connection direction: 90 °, locking clip: - Locking clip, plug-in
system: COMBICON MSTB 2,5, locking: without, mounting: without, type of packaging: packed
in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors




Similar Part No. - 1815662

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1815600000 WEIDMULLER-1815600000 Datasheet
370Kb / 6P
ZP 2.5/1AN/14
1815610000 WEIDMULLER-1815610000 Datasheet
152Kb / 3P
ZP 2.5/1AN/15
1815620000 WEIDMULLER-1815620000 Datasheet
154Kb / 3P
ZP 2.5/1AN/16
logo
PHOENIX CONTACT
1815646 PHOENIX-1815646 Datasheet
52Kb / 3P
MSTBVA 2,5/ 3-G-5,08-RN AU
1815659 PHOENIX-1815659 Datasheet
1Mb / 18P
MSTBT 2,5/ 2-ST-5,08 BD:ACDC - PCB connector
More results


Similar Description - 1815662

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1758380 PHOENIX-1758380 Datasheet
101Kb / 3P
MSTB 2,5/ 6-ST-5,08 BD:1-6
1792278 PHOENIX-1792278 Datasheet
175Kb / 7P
MVSTBR 2,5/ 5-ST-5,08
1707985 PHOENIX-1707985 Datasheet
68Kb / 2P
MVSTBR 2,5/ 3-ST-5,08 BD:1-3
1742347 PHOENIX-1742347 Datasheet
80Kb / 4P
Printed-circuit board connector - MVSTBR 2,5/ 2-ST-5,08 BD:1,2
1960903 PHOENIX-1960903 Datasheet
59Kb / 4P
Printed-circuit board connector - MVSTBR 2,5/ 2-ST-5,08 BD NZ
1912375 PHOENIX-1912375 Datasheet
383Kb / 12P
PCB connector - MVSTBR 2,5 HC/10-ST
1912443 PHOENIX-1912443 Datasheet
398Kb / 12P
PCB connector - MVSTBR 2,5 HC/ 6-ST-5,08
1912414 PHOENIX-1912414 Datasheet
411Kb / 15P
MVSTBR 2,5 HC/ 3-ST-5,08 - PCB connector
1912320 PHOENIX-1912320 Datasheet
539Kb / 15P
MVSTBR 2,5 HC/ 5-ST - PCB connector
1912498 PHOENIX-1912498 Datasheet
394Kb / 15P
MVSTBR 2,5 HC/11-ST-5,08 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com