Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1815659 Datasheet (PDF) - PHOENIX CONTACT

1815659 Datasheet PDF - PHOENIX CONTACT
Part # 1815659
Download  1815659 Download
File Size   1658.79 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTBT 2,5/ 2-ST-5,08 BD:ACDC - PCB connector

1815659 Datasheet (PDF)

Go To PDF Page Download Datasheet
1815659 Datasheet PDF - PHOENIX CONTACT

Part # 1815659
Download  1815659 Click to download

File Size   1658.79 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTBT 2,5/ 2-ST-5,08 BD:ACDC - PCB connector

1815659 Datasheet (HTML) - PHOENIX CONTACT


1815659 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Tin, contact connection type: Socket, number of potentials:
2, number of rows: 1, number of positions: 2, number of connections: 2, product range: MSTBT
2,5/..-ST, pitch: 5.08 mm, connection method: Screw connection with tension sleeve, screw head
form: L Slotted, conductor/PCB connection direction: 0 °, locking clip: - Locking clip, plug-in
system: COMBICON MSTB 2,5, locking: without, mounting: without, type of packaging: packed
in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors




Similar Part No. - 1815659

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1815600000 WEIDMULLER-1815600000 Datasheet
370Kb / 6P
ZP 2.5/1AN/14
1815610000 WEIDMULLER-1815610000 Datasheet
152Kb / 3P
ZP 2.5/1AN/15
1815620000 WEIDMULLER-1815620000 Datasheet
154Kb / 3P
ZP 2.5/1AN/16
logo
PHOENIX CONTACT
1815646 PHOENIX-1815646 Datasheet
52Kb / 3P
MSTBVA 2,5/ 3-G-5,08-RN AU
1815662 PHOENIX-1815662 Datasheet
1Mb / 15P
MVSTBR 2,5/ 5-ST-5,08 BD:6-10 - PCB connector
More results


Similar Description - 1815659

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1781014 PHOENIX-1781014 Datasheet
166Kb / 10P
Printed-circuit board connector - MSTBT 2,5/ 5-ST-5,08
1781043 PHOENIX-1781043 Datasheet
147Kb / 11P
Plug - MSTBT 2,5/ 8-ST-5,08
1781072 PHOENIX-1781072 Datasheet
223Kb / 14P
Printed-circuit board connector - MSTBT 2,5/11-ST-5,08
1779990 PHOENIX-1779990 Datasheet
149Kb / 7P
MSTBT 2,5/ 3-ST-5,08
1780002 PHOENIX-1780002 Datasheet
148Kb / 7P
MSTBT 2,5/ 4-ST-5,08
1704123 PHOENIX-1704123 Datasheet
62Kb / 5P
Printed-circuit board connector - MSTBT 2,5/ 2-ST-5,08 ABGYAU
1781111 PHOENIX-1781111 Datasheet
137Kb / 11P
Printed-circuit board connector - MSTBT 2,5/15-ST-5,08
1919899 PHOENIX-1919899 Datasheet
133Kb / 3P
MSTBT 2,5/18-ST-5,08
1800934 PHOENIX-1800934 Datasheet
59Kb / 4P
Printed-circuit board connector - MSTBT 2,5/ 2-ST-5,08 BK
1860549 PHOENIX-1860549 Datasheet
595Kb / 16P
PCB connector - FKCOW 2,5/ 2-ST-5,08
Jan 10, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com