Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY7201ABC Datasheet (PDF) - Silergy Corp.

SY7201ABC Datasheet PDF - Silergy Corp.
Part # SY7201ABC
Download  SY7201ABC Download
File Size   573.91 Kbytes
Page   11 Pages
Manufacturer  SILERGY [Silergy Corp.]
Direct Link  http://www.silergy.com/
Logo SILERGY - Silergy Corp.
Description 30V High Current Boost LED Driver

SY7201ABC Datasheet (PDF)

Go To PDF Page Download Datasheet
SY7201ABC Datasheet PDF - Silergy Corp.

Part # SY7201ABC
Download  SY7201ABC Click to download

File Size   573.91 Kbytes
Page   11 Pages
Manufacturer  SILERGY [Silergy Corp.]
Direct Link  http://www.silergy.com/
Logo SILERGY - Silergy Corp.
Description 30V High Current Boost LED Driver

SY7201ABC Datasheet (HTML) - Silergy Corp.


SY7201ABC Product details

General Description
SY7201 and SY7201A are DC/DC step-up converters
that deliver an accurate constant current for driving
LEDs. Operation at a fixed switching frequency of
1MHz allows the device to be used with small value
external ceramic capacitors and inductor. LEDs
connected in series are driven with a regulated current
set by the external resistor. The SY7201 and SY7201A
are ideal for driving up to eight white LEDs in series or
up to 30V.

Features
• Input voltage range: 2.8 to 30V
• Switch current limit 2A
• Drives LED strings up to 30V
• 1MHz fixed frequency minimizes the external
components
• Dimming frequency for EN/PWM pin:
ο SY7201: 20kHz~1MHz
ο SY7201A: 100Hz~10kHz
• Internal softstart limits the inrush current
• Open LED over voltage protection
• RoHS Compliant and Halogen Free
• Compact package: SOT23-6 pin
Applications
• GPS Navigation Systems
• Handheld Devices
• Portable Media Players




Similar Part No. - SY7201ABC

ManufacturerPart #DatasheetDescription
logo
Silergy Corp.
SY7208 SILERGY-SY7208 Datasheet
166Kb / 4P
High Efficiency 1MHz, 2A Step Up Regulator
Rev. 0.6
SY7208ABC SILERGY-SY7208ABC Datasheet
166Kb / 4P
High Efficiency 1MHz, 2A Step Up Regulator
Rev. 0.6
SY7208B SILERGY-SY7208B Datasheet
166Kb / 4P
High Efficiency 1MHz, 2A Step Up Regulator
Rev. 0.6
SY7208BABC SILERGY-SY7208BABC Datasheet
166Kb / 4P
High Efficiency 1MHz, 2A Step Up Regulator
Rev. 0.6
More results


Similar Description - SY7201ABC

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT4139 CATALYST-CAT4139 Datasheet
274Kb / 13P
22V High Current Boost White LED Driver
logo
ON Semiconductor
CAT4139TD-GT3 ONSEMI-CAT4139TD-GT3 Datasheet
266Kb / 13P
22V High Current Boost White LED Driver
Doc. No. MD-5032 Rev. B
CAT4139 ONSEMI-CAT4139 Datasheet
186Kb / 13P
22 V High Current Boost White LED Driver
February, 2010 ??Rev. 1
CAT4139 ONSEMI-CAT4139_16 Datasheet
133Kb / 13P
22V High Current Boost White LED Driver
April, 2016 ??Rev. 2
logo
ACE Technology Co., LTD...
ACE715C ACE-ACE715C Datasheet
580Kb / 6P
High Efficiency 1.2MHz 30V Boost LED Driver
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8040 BELLING-BL8040 Datasheet
537Kb / 4P
High Efficiency 1.2MHz 30V Boost LED Driver
logo
Shenzhen Huazhimei Semi...
HM5303 HMSEMI-HM5303 Datasheet
449Kb / 9P
Boost type high power LED constant current driver
HM5306 HMSEMI-HM5306 Datasheet
711Kb / 9P
Boost type high power LED constant current driver
HM5665A HMSEMI-HM5665A Datasheet
499Kb / 4P
High Efficiency 1.2MHz 30V BOOST LED Driver
HM5305 HMSEMI-HM5305 Datasheet
423Kb / 9P
Boost high-power LED constant current driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com